Electronic Components Datasheet Search
  English  ▼

X  

THS4012CDGNG4 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CDGNG4
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CDGNG4 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4012CDGNG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
NC
IN−
NC
IN+
NC
THS4012
DORDGN† PACKAGE
(TOPVIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
−VCC
VCC+
2OUT
2IN−
2IN+
1
2
3
4
8
7
6
5
NULL
IN −
IN +
VCC−
NULL
VCC+
OUT
NC
THS4011
D,DGN,ORJGPACKAGE
(TOPVIEW)
NC − Nointernalconnection
Cross-sectionviewshowing
PowerPADoption(DGN)
† This packageisintheProductPreviewstageof
development. Pleasecontactyour localTIsalesof ficefor
availability.
19
20
1
3
2
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
VCC+
NC
OUT
NC
THS4011
FK PACKAGE
(TOPVIEW)
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Check for Samples: THS4011, THS4012
1
FEATURES
2
•
High Speed
–
290-MHz Bandwidth (G = 1, –3 dB)
–
310-V/ms Slew Rate
–
37-ns Settling Time (0.1%)
•
Low Distortion
–
THD = –80 dBc (f = 1 MHz, RL = 150 Ω)
•
110-mA Output Current Drive (Typical)
•
7.5-nV/
√Hz Voltage Noise
•
Excellent Video Performance
–
70-MHz Bandwidth (0.1 dB, G = 1)
–
0.006% Differential Gain Error
–
0.01° Differential Phase Error
•
±5-V to ±15-V Supply Voltage
•
Available in Standard SOIC, MSOP
PowerPAD™, JG, or FK Packages
•
Evaluation Module Available
DESCRIPTION
The
THS4011
and
THS4012
are
high-speed,
single/dual, voltage feedback amplifiers ideal for a
wide range of applications. The devices offer good ac
performance, with 290-MHz bandwidth, 310-V/ms
slew rate, and 37-ns settling time (0.1%). These
amplifiers have a high output drive capability of 110
mA and draw only 7.8-mA supply current per
channel. For applications requiring low distortion, the
THS4011/4012
operate
with
a
total
harmonic
distortion (THD) of -80 dBc at f = 1 MHz. For video
applications, the THS4011/4012 offer 0.1-dB gain
flatness to 70 MHz, 0.006% differential gain error,
and 0.01° differential phase error.
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/4012
290-MHz low-distortion high-speed amplifiers
THS4031/4032
100-MHz low-noise high-speed-amplifiers
THS4061/4062
180-MHz high-speed amplifiers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4012CDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4012CDGNG4 TI-THS4012CDGNG4 Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNG4 TI1-THS4012CDGNG4 Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4012CDGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI-THS4011 Datasheet
439Kb / 30P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007 AD-AD8007 Datasheet
487Kb / 20P
ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
10/02-Data Sheet changed from REV. B to REV. C
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
Ultralow Distortion High Speed Amplifiers
REV. D
logo
Texas Instruments
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
Ultralow Distortion,High Speed Amplifiers
Rev. E
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Analog Devices
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com