Electronic Components Datasheet Search
  English  ▼

X  

THS4012CDGNG4 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CDGNG4
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CDGNG4 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4012CDGNG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 15Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
IN −
IN +
NULL
NULL
OUT
VCC −
VCC +
2
3
4
6
7
8
1
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The THS401x is a high-speed, operational amplifier configured in a voltage feedback architecture. It is built using
a 30-V, dielectrically isolated, complementary bipolar process, with NPN and PNP transistors possessing fTs of
several GHz. This results in an exceptionally high-performance amplifier that has a wide bandwidth, high slew
rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 24.
Pin numbers are for the D, DGN, and JG packages.
Figure 24. THS4011/4012 Simplified Schematic
Noise Calculations and Noise Figure (NF)
Noise can cause errors on very small signals. This is especially true when amplifying small signals. The noise
model for the THS401x is shown in Figure 25. This model includes all of the noise sources as follows:
•
en = Amplifier internal voltage noise (nV/√Hz)
•
IN+ = Noninverting current noise (pA/
√Hz)
•
IN– = Inverting current noise (pA/
√Hz)
•
eRx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx)
12
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com