Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVR Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DBVR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVR Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button THS4281DBVR Datasheet HTML 13Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 14Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 15Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 16Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 17Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 18Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 19Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 20Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
−1
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
0.75
1.25
1.75
2.25
2.75
3.25
3.75
4.25
t − Time −
µs
Gain = 2
RL = 1 kΩ
RF = 2.5 kΩ
VS = 5 V
Output
Input
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
−3
−2
−1
0
1
2
3
t − Time −
µs
Gain = 2
RL = 1 kΩ
RF = 2.5 kΩ
VS = ± 5 V
Input
Output
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
100 200 300 400 500 600 700 800
t − Time − ns
Gain = 2
RL = 1 kΩ
RF = 2.5 kΩ
VS = ± 5 V
Output
Input
−3
−2
−1
0
1
2
3
0
20
40
60
80
100
−6
−4
−2
0
2
4
6
VO
VI
VS = ±2.5 V
Gain = 2,
RL = 1 kΩ,
RF = 2 kΩ
t − Time − ms
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
LARGE-SIGNAL
(VS = 5 V)
(VS = ±5 V)
TRANSIENT RESPONSE
OVERDRIVE RECOVERY TIME
OVERDRIVE RECOVERY TIME
Figure 64.
Figure 65.
Figure 66.
OVERDRIVE RESPONSE
OUTPUT VOLTAGE
vs TIME
Figure 67.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com