Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DBVR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4281DBVR Datasheet HTML 7Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 8Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 9Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 10Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 11Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 12Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 13Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 14Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
−3
0
3
6
9
0.1
1
10
100
f − Frequency − MHz
VS = 2.7 V
Gain = 2,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 1 kΩ
RF = 1.65 kΩ
RF = 4 kΩ
−3
0
3
6
9
0.1
1
10
100
f − Frequency − MHz
VS = 3 V
Gain = 2,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 1 kΩ
RF = 4 kΩ
RF = 1.65 kΩ
−4
−3
−2
−1
0
1
2
3
4
5
6
1
10
100
Gain = 1,
RF = 34 Ω,
RL = 1 kΩ,
VO = 100 mVPP
VS = 15 V
VS = 2.7 V
VS = 5 V
VS = ±5 V
f − Frequency − MHz
−3
0
3
6
9
0.1
1
10
100
f − Frequency − MHz
VS = ± 5 V,
Gain = 2,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 1 kΩ
RF = 4 kΩ
RF = 2.49 kΩ
−3
0
3
6
9
0.1
1
10
100
f − Frequency − MHz
VS = 5 V
Gain = 2,
RL = 1 kΩ,
VO = 0.1 VPP
RF = 1 kΩ
RF = 2 kΩ
RF = 4 kΩ
5.4
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
0.1
1
10
100
f − Frequency − MHz
Gain = 2,
RF = 1.65 kΩ,
RL = 1 kΩ,
VO = 0.1 VPP
VS = 3 V
VS = 2.7 V
−4
0
4
8
12
16
20
24
0.1
1
10
100
f − Frequency − MHz
VS = 2.7 V,
RF = 1.65 kΩ,
RL = 1 kΩ,
VO = 0.1 VPP
G = 10
G = 5
G = 2
G = −1
5.4
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
0.1
1
10
100
f − Frequency − MHz
Gain = 2,
RF = 2 kΩ (VS = 5 V),
RF = 2.49 kΩ (VS = ±5 V, 15 V),
RL = 1 kΩ,
VO = 0.1 VPP
VS = 15 V
VS = ± 5 V
VS = 5 V
−4
0
4
8
12
16
20
24
0.1
1
10
100
f − Frequency − MHz
VS = 3V,
RF = 1.65 kΩ,
RL = 1 kΩ,
VO = 0.1 VPP
G = 10
G = 5
G = 2
G = −1
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
(VS = 2.7 V)
(VS = 3 V)
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 10.
Figure 11.
Figure 12.
(VS = 5 V)
(VS = ±5 V)
(VS = 2.7 V, VS = 3 V)
FREQUENCY RESPONSE
FREQUENCY RESPONSE
0.1-dB FREQUENCY RESPONSE
Figure 13.
Figure 14.
Figure 15.
(VS = 5 V, ±5 V, 15 V)
(VS = 2.7 V)
(VS = 3 V)
0.1-dB FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 16.
Figure 17.
Figure 18.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com