Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVR Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DBVR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVR Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4281DBVR Datasheet HTML 6Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 7Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 8Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 9Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 10Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 11Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 12Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 13Page - National Semiconductor (TI) THS4281DBVR Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
500
600
700
800
900
1000
3
4
5
6
7
8
9
10 11 12 13 14 15
VCC − Supply Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−1
0
1
2
3
4
5
6
VICR − Common-Mode Input Voltage − V
VS = 5 V
VS = 3 V
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−6 −5 −4 −3 −2 −1 0
1
2
3
4
5
6
VICR − Common-Mode Input Voltage − V
VS = ±5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
60
−Iout − Sink Current − mA
Load Tied to VS/2
±5 V
5 V
15 V
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−1 0
2
4
6
8
10
12
14
16
VICR − Common-Mode Input Voltage − V
VS = 15 V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
60
+Iout − Source Current − mA
Load Tied to VS/2
±5 V
15 V
5 V
−5
−4
−3
−2
−1
0
1
2
3
4
5
10
100
1 k
10 k
RL − Load Resistance − Ω
VS = ±5 V
Load Tied to GND
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
10
100
1 k
10 k
RL − Load Resistance − Ω
VS = 5 V
Load Tied to VS/2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
10
100
1 k
10 k
RL − Load Resistance − Ω
VS = 15 V
Load Tied to VS/2
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
QUIESCENT CURRENT
(VS = 3 V, VS = 5 V)
(VS = ±5 V)
vs
INPUT OFFSET VOLTAGEvs
INPUT OFFSET VOLTAGE vs
SUPPLY VOLTAGE
COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE
Figure 1.
Figure 2.
Figure 3.
(VS = 15 V)
POSITIVE VOLTAGE HEADROOM
NEGATIVE VOLTAGE HEADROOM
INPUT OFFSET VOLTAGE vs
vs
vs
COMMON-MODE INPUT VOLTAGE
SOURCE CURRENT
SINK CURRENT
Figure 4.
Figure 5.
Figure 6.
(VS = 5 V)
(VS = ±5 V)
(VS = 15 V)
OUTPUT VOLTAGE vs
OUTPUT VOLTAGE vs
OUTPUT VOLTAGE vs
LOAD RESISTANCE
LOAD RESISTANCE
LOAD RESISTANCE
Figure 7.
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com