Electronic Components Datasheet Search
  English  ▼

X  

THS4532IPW Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532IPW Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button THS4532IPW Datasheet HTML 22Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 23Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 24Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 25Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 26Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 27Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 28Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 29Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
VOUT+
RG
RG
VIN±
VIN+
RF
RF
RO
RO
RIT
RIT
No Connection
VOUT±
VS+
THS4532
VS±
For BW
Measure With
Diff Probe Here
No Connection
Cal Diff Probe
49.9
VOCM
From Network
Analyzer
RCM
For ZIN
Measure With
Diff Probe Here
NC
+
-
VOCM
VOUT+
RG
RG
VIN±
VIN+
0.22 F
RF
RF
RO
RO
ROT
RIT
RIT
No Connection
VOUT±
VS+
THS4532
VS±
Measure With
Diff Probe
No Connection
Power
Supply
Network
Analyzer
Cal Diff Probe
+
±
VOCM
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
Figure 73. PSRR Test Circuit
VOCM Input
The circuit shown in Figure 74 is used to measure the transient response, frequency response and input
impedance of the VOCM input. For these tests, the cal point is across the 49.9Ω VOCM termination resistor.
Transient response and frequency response are measured with RCM = 0Ω and using a high impedance
differential probe at the summing junction of the two RO resistors, with respect to ground. The input impedance is
measured using a high impedance differential probe at the VOCM pin and the drop across RCM is used to calculate
the impedance seen looking into the amplifier’s VOCM input.
Figure 74. VOCM Input Test Circuit
26
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com