Electronic Components Datasheet Search
  English  ▼

X  

THS4532IPW Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532IPW Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button THS4532IPW Datasheet HTML 33Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 34Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 35Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 36Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 37Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 38Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 39Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 40Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10k
20k
30k
40k
50k
Frequency (Hz)
VS = 5 V
G = 1 V/V
RF = 2 kΩ
VOUT = −0.5 dBFS
G078
2 k
2 k
0.22 F
5V
THS4532
VOUT+
121
VOUT±
121
Single-Ended
Signal from
Generator and
10 kHz BPF
VIN+
VIN±
+
±
VOCM
2 k
2.2 nF
2 k
To Data
Analysis
ADS8321
100 pF
100 pF
220 pF
220 pF
No Input
49.9
49.9
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
The standard ADS8321 EVM and THS4532 EVM are modified to implement the schematic in Figure 93 and used
to test the performance of the THS4532 as a drive amplifier. With single supply +5V supply the output common-
mode of the THS4532 defaults to +2.5V as required at the input of the ADS8321 so the VOCM input of the
THS4532 simply bypassed to GND with 0.22µF capacitor. The summary of results of the FFT analysis versus
typical data sheet performance shown in Table 5 show the THS4532 will make an excellent drive amplifier for
this ADC.
Figure 93. THS4532 and ADS8321 Test Circuit
Figure 94. THS4532 + ADS8321 1kHz FFT
Table 5. 10kHz FFT Analysis Summary
CONFIGURATION
TONE
SIGNAL
SNR
THD
SINAD
SFDR
THS4532 + ADS8321
10kHz
-0.5 dBFS
87 dBc
-96 dBc
87 dBc
100 dBc
ADS8321 Data Sheet (typ)
10kHz
-0.5 dBFS
87 dBc
-86 dBc
84 dBc
86 dBc
THS4532 and ADS7945 Combined Performance
To show achievable performance with a high performance SAR ADC, the THS4532 is tested as the drive
amplifier for the ADS7945. The ADS7945 is a 14-bit, SAR ADC that offers excellent AC and DC performance,
with low power and small size. The circuit shown in Figure 95 is used to test the performance. Data was taken
using the ADS7945 at 2MSPS with input frequency of 10 kHz and signal level 0.5 dB below full scale. The FFT
plot of the spectral performance is in Figure 96. A summary of the FFT analysis results are in Table 6 along with
ADS7945 typical data sheet performance at fS = 2MSPS. Please refer to its data sheet for more information.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com