Electronic Components Datasheet Search
  English  ▼

X  

THS4532IPW Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4532IPW Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button THS4532IPW Datasheet HTML 34Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 35Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 36Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 37Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 38Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 39Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 40Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 41Page - National Semiconductor (TI) THS4532IPW Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
1k
10k
100k
1M
Frequency (Hz)
VS = 5 V
G = 1 V/V
RF = 2 kΩ
VOUT = −0.5 dBFS
G077
2 k
2 k
0.22 F
5 V
THS4532
VOUT+
40.2
VOUT±
40.2
Differential
Signal from
Generator and
10 kHz BPF
VIN+
VIN±
+
±
VOCM
2 k
1 nF
2 k
To Data
Analysis
ADS7945
100 pF
100 pF
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
The standard ADS7945 EVM and THS4532 EVM are modified to implement the schematic in Figure 95 and used
to test the performance of the THS4532 as a drive amplifier. With single supply +5V supply the output common-
mode of the THS4532 defaults to +2.5V as required at the input of the ADS7945 so the VOCM input of the
THS4532 simply bypassed to GND with 0.22µF capacitor. The summary of results of the FFT analysis versus
typical data sheet performance shown in Table 6 show the THS4532 will make an excellent drive amplifier for
this ADC.
Figure 95. THS4532 and ADS7945 Test Circuit
Figure 96. THS4532 and ADS7945 Test Circuit
Table 6. 10kHz FFT Analysis Summary
CONFIGURATION
TONE
SIGNAL
SNR
THD
SFDR
THS4532 + ADS7945
10kHz
-0.5 dBFS
83 dBc
-93 dBc
96 dBc
ADS7945 Data Sheet (typ)
10kHz
-0.5 dBFS
84 dBc
-92 dBc
94 dBc
38
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com