Electronic Components Datasheet Search
  English  ▼

X  

314749 Datasheet(PDF) 7 Page - Numonyx B.V

Part # 314749
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

314749 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button 314749 Datasheet HTML 3Page - Numonyx B.V 314749 Datasheet HTML 4Page - Numonyx B.V 314749 Datasheet HTML 5Page - Numonyx B.V 314749 Datasheet HTML 6Page - Numonyx B.V 314749 Datasheet HTML 7Page - Numonyx B.V 314749 Datasheet HTML 8Page - Numonyx B.V 314749 Datasheet HTML 9Page - Numonyx B.V 314749 Datasheet HTML 10Page - Numonyx B.V 314749 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Application Note
Sep 2008
7
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
3.0
Device Packaging and Ballout
The following section provides a brief overview of the package and ballout differences
between the P33 130nm and P33 65nm devices.
Note:
For 256M/256M stack TSOP migration options, please contact your local Numonyx local Sales representative.
3.1
Easy BGA Ballout
The Easy BGA ballout is available for both P33 130nm and P33 65nm products. Ball
pitch of the Easy BGA ballout is 1.0 mm. The package has an 8 x 8 active-ball matrix.
Table 2:
Package Comparison
Features / Specifications
P33 130nm
P33 65nm
Monolithic Densities
Easy BGA
Yes
Yes
TSOP
Yes
Yes
QUAD+ (SCSP)
Yes
No
Stack Densities
Easy BGA
Yes
Yes
TSOP
Yes
See Note
QUAD+ (SCSP)
Yes
No
Figure 1: 64-Ball Easy BGA Ballout (256/512-Mbit)
1
8
234
5
67
Easy BGA
Top View- Ball side down
Easy BGA
Bottom View- Ball side up
1
8
2
3
4
5
6
7
H
G
F
E
D
C
B
A
H
G
F
E
D
C
A
A2
VSS
A9
A14
CE#
A19 RFU
A25
RFU
VSS VCC
DQ13
VSS
DQ7
A24
VSS
A3
A7
A10
A15
A12
A20
A21
WP#
A4
A5
A11
VCCQ
RST#
A16
A17
VCCQ
RFU
DQ8
DQ1 DQ9
DQ4
DQ3
DQ15
CLK
RFU
OE#
DQ0 DQ10
DQ12
DQ11
WAIT
ADV#
WE#
A23
RFU
DQ2
DQ5
VCCQ
DQ14
DQ6
A1
A6
A8
A13
VPP
A18
A22
VCC
A23
A4
A5
A11
VCCQ RST#
A16
A17
VCCQ
A1
A6
A8
A13
VPP
A18
A22
VCC
A3
A7
A10
A15
A12
A20
A21
WP#
RFU
DQ8
DQ1
DQ9
DQ4 DQ3
DQ15 CLK
RFU
OE#
DQ0
DQ10
DQ12 DQ11
WAIT ADV#
WE#
RFU
DQ2
DQ5 VCCQ
DQ14 DQ6
A2
VSS
A9
A14
CE#
A19
RFU
A25
RFU
VSS
VCC
DQ13 VSS
DQ7
A24
VSS
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com