Electronic Components Datasheet Search
  English  ▼

X  

314749 Datasheet(PDF) 13 Page - Numonyx B.V

Part # 314749
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

314749 Datasheet(HTML) 13 Page - Numonyx B.V

Back Button 314749 Datasheet HTML 9Page - Numonyx B.V 314749 Datasheet HTML 10Page - Numonyx B.V 314749 Datasheet HTML 11Page - Numonyx B.V 314749 Datasheet HTML 12Page - Numonyx B.V 314749 Datasheet HTML 13Page - Numonyx B.V 314749 Datasheet HTML 14Page - Numonyx B.V 314749 Datasheet HTML 15Page - Numonyx B.V 314749 Datasheet HTML 16Page - Numonyx B.V 314749 Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Note
Sep 2008
13
Order Number: 320005-04
Conversion Guide: P33 130nm to 65nm
5.4
Device Commands
The command set for the P33 65nm and P33 130nm devices are fully compatible.
However, the P33 65nm device includes new features such as the blank check operation
and the enhanced configuration operation. Command set operations are compared
here:
Note:
During Buffered Program command (E8h) sequence, if a read of the Main Array Data needs to be performed during the
loading of the program buffer, then a write to an address outside of current block will abort the Buffer Programming
Operation. Issuing the Read Array command (FFh) will put the device into Read Array mode. After Main Array read
operation has been completed, the Buffer Program Operation must be restarted.
5.5
WAIT State Comparison
This section will compare the difference between the WAIT states on the P33 130nm
and the P33 65nm.
5.5.1
WAIT State P33 65nm
End of wordline (EOWL) WAIT states can result when the starting address of the burst
operation is not aligned to a 16-word boundary; that is, A[3:0] of start address does
not equal 0x0. Figure 3, “End of Wordline Timing Diagram” on page 14 illustrates the
end of wordline WAIT state(s), which occur after the first 16-word boundary is reached.
The number of data words and the number of WAIT states for both P33 130nm and P33
65nm are summarized in Table 9, “End of Wordline Data and WAIT State Comparison”
on page 14.
Table 8:
Command Bus Operations
Command
P33 130nm Code
(Setup/Confirm)
P33 65nm Code
(Setup/Confirm)
Read Array
00FFh
00FFh
Read Status Register
0070h
0070h
Clear Status Register
0050h
0050h
Read Device Information
0090h
0090h
CFI Query
0098h
0098h
Word Program
0040h
0040h
Buffered Program
00E8h/00D0h
00E8h/00D0h
Buffered Enhanced Factory Program
0080h/00D0h
0080h/00D0h
Block Erase
0020h/00D0h
0020h/00D0h
Program/Erase Suspend
00B0h
00B0h
Program/Erase Resume
00D0h
00D0h
Blank Check
N/A
00BCh/00D0h
Lock Block
0060h/0001h
0060h/0001h
Unlock Block
0060h/00D0h
0060h/00D0h
Lock Down Block
0060h/002Fh
0060h/002Fh
Password Access
N/A
00EBh
Program Read Configuration Register
0060h/0003h
0060h/0003h
Program OTP Register
00C0h
00C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com