Electronic Components Datasheet Search
  English  ▼

X  

314749 Datasheet(PDF) 1 Page - Numonyx B.V

Part # 314749
Description  NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

314749 Datasheet(HTML) 1 Page - Numonyx B.V

  314749 Datasheet HTML 1Page - Numonyx B.V 314749 Datasheet HTML 2Page - Numonyx B.V 314749 Datasheet HTML 3Page - Numonyx B.V 314749 Datasheet HTML 4Page - Numonyx B.V 314749 Datasheet HTML 5Page - Numonyx B.V 314749 Datasheet HTML 6Page - Numonyx B.V 314749 Datasheet HTML 7Page - Numonyx B.V 314749 Datasheet HTML 8Page - Numonyx B.V 314749 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Application Note
Nov 2008
1
Order Number: 320005-04
Conversion Guide: NumonyxTM StrataFlash®
Embedded Memory P33 (256-Mbit, 256-Mbit/256-
Mbit) 130nm to 65nm
Application Note - 909
Nov 2008


Similar Part No. - 314749

ManufacturerPart #DatasheetDescription
logo
Sarabec Limited
31474 SARABEC-31474 Datasheet
39Kb / 2P
phoneflash
More results

Similar Description - 314749

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
256-Mbit Mobile-RAM
V1.1, 2003-04-16
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
256 MBit Synchronous DRAM
2002-04-23
HYE25L256160AC INFINEON-HYE25L256160AC Datasheet
1Mb / 55P
256-Mbit Mobile-RAM
V1.1, 2003-04-16
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
256-MBit Synchronous DRAM
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
256-MBit Synchronous DRAM
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
256-MBit Mobile-RAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
256-MBIT SYNCHRONOUS DRAM
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com