Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4131
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4131 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  THS4131 Datasheet HTML 1Page - National Semiconductor (TI) THS4131 Datasheet HTML 2Page - National Semiconductor (TI) THS4131 Datasheet HTML 3Page - National Semiconductor (TI) THS4131 Datasheet HTML 4Page - National Semiconductor (TI) THS4131 Datasheet HTML 5Page - National Semiconductor (TI) THS4131 Datasheet HTML 6Page - National Semiconductor (TI) THS4131 Datasheet HTML 7Page - National Semiconductor (TI) THS4131 Datasheet HTML 8Page - National Semiconductor (TI) THS4131 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
THS4130
THS4131
www.ti.com
SLOS318H
– MAY 2000 – REVISED MAY 2011
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Dual supply
±2.5
±15
Supply voltage, VCC+ to VCC–
V
Single supply
5
30
C-suffix
0
+70
Operating free-air temperature, TA
°C
I-suffix
–40
+85
ELECTRICAL CHARACTERISTICS
(1)
VCC= ±5 V, RL = 800Ω, and TA = +25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
VCC = 5
Gain = 1, Rf = 390 Ω
125
Small-signal bandwidth (
–3 dB), single-ended input,
VCC = ±5
Gain = 1, Rf = 390 Ω
135
differential output, VI = 63 mVPP
VCC = ±15
Gain = 1, Rf = 390 Ω
150
BW
MHz
VCC = 5
Gain = 2, Rf = 750 Ω
80
Small-signal bandwidth (
–3 dB), single-ended input,
VCC = ±5
Gain = 2, Rf = 750 Ω
85
differential output, VI = 63 mVPP
VCC = ±15
Gain = 2, Rf = 750 Ω
90
SR
Slew rate(2)
Gain = 1
52
V/
µs
Settling time to 0.1%
78
ns
ts
Step voltage = 2 V, gain = 1
Settling time to 0.01%
213
ns
DISTORTION PERFORMANCE
f = 250 kHz
–95
VCC = 5
f = 1 MHz
–81
f = 250 kHz
–96
Total harmonic distortion, differential input, differential
VCC = ±5
output, gain = 1, Rf = 390 Ω, RL = 800 Ω, VO= 2 VPP
f = 1 MHz
–80
f = 250 kHz
–97
THD
VCC = ±15
dBc
f = 1 MHz
–80
f = 250 kHz
–91
VCC = ±5
f = 1 MHz
–75
VO = 4 VPP
f = 250 kHz
–91
VCC = ±15
f = 1 MHz
–75
VCC = ±2.5
97
VO= 2 VPP
VCC = ±5
98
Spurious-free dynamic range, differential input,
SFDR
differential output, gain = 1, Rf = 390 Ω,
VCC = ±15
99
dB
RL = 800 Ω, f = 250 kHz
VCC = ±5
93
VO = 4 VPP
VCC = ±15
95
Third intermodulation distortion
VI(PP) = 4 V, G = 1, F1 = 3 MHz, F2 = 3.5 MHz
–53
dBc
Third-order intercept
VI(PP) = 4 V, G = 1, F1 = 3 MHz, F2 = 3.5 MHz
41.5
dB
NOISE PERFORMANCE
Vn
Input voltage noise
f = 10 kHz
1.3
nV/
√Hz
In
Input current noise
f = 10 kHz
1
pA/
√Hz
DC PERFORMANCE
TA = +25°C
71
78
Open-loop gain
dB
TA = full range
69
TA = +25°C
0.2
2
Input offset voltage
TA = full range
3
mV
V(OS)
Common-mode input offset voltage, referred to VOCM
TA = +25°C
0.2
3.5
Input offset voltage drift
TA = full range
4.5
µV/°C
IIB
Input bias current
TA = full range
2
6
µA
IOS
Input offset current
TA = full range
100
500
nA
Offset drift
2
nA/
°C
(1)
The full range temperature is 0
°C to +70°C for the C-suffix, and –40°C to +85°C for the I-suffix.
(2)
Slew rate is measured from an output level range of 25% to 75%.
Copyright
© 2000–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com