Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4131
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4131 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4131 Datasheet HTML 4Page - National Semiconductor (TI) THS4131 Datasheet HTML 5Page - National Semiconductor (TI) THS4131 Datasheet HTML 6Page - National Semiconductor (TI) THS4131 Datasheet HTML 7Page - National Semiconductor (TI) THS4131 Datasheet HTML 8Page - National Semiconductor (TI) THS4131 Datasheet HTML 9Page - National Semiconductor (TI) THS4131 Datasheet HTML 10Page - National Semiconductor (TI) THS4131 Datasheet HTML 11Page - National Semiconductor (TI) THS4131 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
−40
−20
0
20
40
60
80
100
VCC = ± 15 V
VCC = ± 5 V
TA − Free-Air Temperature − °C
800
820
840
860
880
900
920
940
−50
−25
0
25
50
75
100
TA − Free-Air Temperature (Shutdown State) − °C
1.98
1.96
1.94
1.9
0
25
50
75
2
2.02
2.04
100
125
150
1.92
RF = 510 Ω
CF = 1 pF,
VCC = 5 V
VO = 4 VPP
RL = 800 Ω
t − Time − ns
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
−50
−25
0
25
50
75
100
IIB+
IIB−
TA − Free-Air Temperature − °C
THS4130
THS4131
SLOS318H
– MAY 2000 – REVISED MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
(SHUTDOWN STATE)
Figure 9.
Figure 10.
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
SETTLING TIME
Figure 11.
Figure 12.
8
Copyright
© 2000–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com