Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4131
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4131 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button THS4131 Datasheet HTML 8Page - National Semiconductor (TI) THS4131 Datasheet HTML 9Page - National Semiconductor (TI) THS4131 Datasheet HTML 10Page - National Semiconductor (TI) THS4131 Datasheet HTML 11Page - National Semiconductor (TI) THS4131 Datasheet HTML 12Page - National Semiconductor (TI) THS4131 Datasheet HTML 13Page - National Semiconductor (TI) THS4131 Datasheet HTML 14Page - National Semiconductor (TI) THS4131 Datasheet HTML 15Page - National Semiconductor (TI) THS4131 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
0
1E−12
2E−12
3E−12
4E−12
5E−12
6E−12
7E−12
1
10
100
1 k
10 k
100 k
f − Frequency − Hz
−600
−400
−200
0
200
400
600
800
1000
−12
−9
−6
−3
0
3
6
9
12
VCC = ± 2.5 V
VCC = ± 5 V
VCC = ± 15 V
VOCM − Common-Mode Output Voltage − V
Rf = 1 k,
RL = 800 Ω,
G = 1
−15
−10
−5
0
5
10
15
100
1000
10 k
100 k
RL − Differential Load Resistance − Ω
Rf = 1 k
G = 2
VCC = ± 15 V
VCC = ± 5 V
VCC = ± 5 V
VCC = ± 15 V
VOUT+
VOUT+
VOUT−
VOUT−
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VCC = ± 5 V
THS4130
THS4131
SLOS318H
– MAY 2000 – REVISED MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
CURRENT NOISE
INPUT OFFSET VOLTAGE
vs
vs
FREQUENCY
COMMON-MODE OUTPUT VOLTAGE
Figure 25.
Figure 26.
OUTPUT VOLTAGE
OUTPUT IMPEDANCE
vs
vs
DIFFERENTIAL LOAD RESISTANCE
FREQUENCY
Figure 27.
Figure 28.
12
Copyright
© 2000–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com