Electronic Components Datasheet Search
  English  ▼

X  

MPM82 Datasheet(PDF) 13 Page - Sanken electric

Part # MPM82
Description  2 A Non-Isolated Step-Down DC / DC Converter Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MPM82 Datasheet(HTML) 13 Page - Sanken electric

Back Button MPM82 Datasheet HTML 7Page - Sanken electric MPM82 Datasheet HTML 8Page - Sanken electric MPM82 Datasheet HTML 9Page - Sanken electric MPM82 Datasheet HTML 10Page - Sanken electric MPM82 Datasheet HTML 11Page - Sanken electric MPM82 Datasheet HTML 12Page - Sanken electric MPM82 Datasheet HTML 13Page - Sanken electric MPM82 Datasheet HTML 14Page - Sanken electric MPM82 Datasheet HTML 15Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
SANKEN ELECTRIC CO., LTD.
2 A Non-Isolated Step-Down DC/ DC Converter Modules
MPM8x Series
March 11, 2013
MPM80-DS, Rev. 0.1
ゲートバリ
2.6 ±0.1
R-end
5.08 ±0.5
6X0.55 +0.2
-0.1
1 2 3 4567 8
10 ±0.2
0.45 +0.2
-0.1
4.2±0.2
0.5
0.5
0.5
0.5
6X0.67
7XP1.17±0.15, t = 8.19
±0.15
注
Marking
surface
Measured at pin root
Measured at
root of pin
Measured at
pin tip
Front view
Side view
Gate burr
Pin connected
internally
Package Outline Drawing, TO-220-8L
Package Marking
Unit: mm
Gate burr: 0,3 mm (max)
Pin core material: Cu
Pin treatment: Cu + solder dip
Product weight: Approximately 20 g
Heatsink screw tightening torque: 6 to 8 kgf • cm
Pb-free. Device composition compliant
with the RoHS directive.
Line 1. Product name: MPM8x
Line 1. Lot number
1st character: Last one digit of year
2nd character: Manufacture month
Jan. to Sep. = 1 to 9
Oct. = O, Nov. = N, Dec. = D
3rd and 4th characters: Manufacture day of month, 1 to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com