Electronic Components Datasheet Search
  English  ▼

X  

MPM82 Datasheet(PDF) 2 Page - Sanken electric

Part # MPM82
Description  2 A Non-Isolated Step-Down DC / DC Converter Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MPM82 Datasheet(HTML) 2 Page - Sanken electric

  MPM82 Datasheet HTML 1Page - Sanken electric MPM82 Datasheet HTML 2Page - Sanken electric MPM82 Datasheet HTML 3Page - Sanken electric MPM82 Datasheet HTML 4Page - Sanken electric MPM82 Datasheet HTML 5Page - Sanken electric MPM82 Datasheet HTML 6Page - Sanken electric MPM82 Datasheet HTML 7Page - Sanken electric MPM82 Datasheet HTML 8Page - Sanken electric MPM82 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
SANKEN ELECTRIC CO., LTD.
2 A Non-Isolated Step-Down DC/ DC Converter Modules
MPM8x Series
March 11, 2013
MPM80-DS, Rev. 0.1
Selection Guide
Part Number
Input Voltage
(VDC)
Output
Voltage
(VDC)
Output
Current
(A)
Drive
Frequency
(kHz)
Efficiency
(% Max)
MPM80
8 to 30
3 to 16
2
630
95
MPM81
8 to 30
3.3
2
630
88
MPM82
8 to 30
5
2
630
93
Recommended Operating Conditions1,2
Characteristic
Symbol
Conditions
Min.
Max.
Unit
Input Voltage Range3
VIN
830
V
Output Voltage Range
VO
MPM80
Variable with external resistors
3.0
16.0
V
MPM81
Fixed voltage
3.23
3.37
V
MPM82
Fixed voltage
4.9
5.1
V
Output Current Range4
IO
0
2.0
A
Operating Junction Temperature
TJOP
−20
125
°C
Operating Temperature Range4
TA
With derating
−20
85
°C
1
Recommended operating conditions refer to operating conditions to maintain normal circuit functions specified in the Electrical
Characteristics table in this document and they must be followed in actual use.
2
When connected as shown in figure 1.
3
Derating is required; refer to the Thermal Characteristics section.
4
Minimum value must be either 8 V or VO + 3 V, whichever is greater.
Absolute Maximum Ratings, valid at TA = 25°C if not otherwise specified
Characteristic
Symbol
Conditions
Rating
Unit
Voltage Between VIN and GND Pins
VIN
PGND and SGND tied together externally
35
V
Voltage Between FB and GND Pins
VFB
PGND and SGND tied together externally
5
V
Voltage Between VO and GND Pins
VO
PGND and SGND tied together externally
20
V
MIC Capacity Loss
PLOSS
No radiator added
2
W
Junction Temperature
TJ
−20 to 125
°C
Storage Temperature
Tstg
−20 to 125
°C
Thermal Resistance
RθJA
Between MIC junction and air; no heatsink
50
°C/W
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com