Electronic Components Datasheet Search
  English  ▼

X  

MPM82 Datasheet(PDF) 4 Page - Sanken electric

Part # MPM82
Description  2 A Non-Isolated Step-Down DC / DC Converter Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MPM82 Datasheet(HTML) 4 Page - Sanken electric

  MPM82 Datasheet HTML 1Page - Sanken electric MPM82 Datasheet HTML 2Page - Sanken electric MPM82 Datasheet HTML 3Page - Sanken electric MPM82 Datasheet HTML 4Page - Sanken electric MPM82 Datasheet HTML 5Page - Sanken electric MPM82 Datasheet HTML 6Page - Sanken electric MPM82 Datasheet HTML 7Page - Sanken electric MPM82 Datasheet HTML 8Page - Sanken electric MPM82 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
SANKEN ELECTRIC CO., LTD.
2 A Non-Isolated Step-Down DC/ DC Converter Modules
MPM8x Series
March 11, 2013
MPM80-DS, Rev. 0.1
MPM81 Electrical Characteristics1 TA = 25°C, VIN = 12 V, if not otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Reference
Voltage
VFBREF
VIN = 8 to 30 V, IO = 1 A
3.23
3.30
3.37
V
Line Regulation
VLINE
VIN = 8 to 30 V, IO = 1 A
–2
–
2
%
Oscillation Frequency
f
567
630
693
kHz
Load Regulation
VLOAD
IO =0 to 2 A
–3
–
3
%
Overcurrent Protection (OCP) Starting
Current
IS
VO = 5 V, drooping/automatic restoration of
operation when fault removed
2.7
–
4.4
A
Circuit Current
IIN
IO = 0 A, VFB = 1 V
–
2.5
–
mA
Overvoltage Protection (OVP) Starting
Voltage2
VOVP
VIN = 8 to 35 V
–
1.1 ×
VFBREF
–V
MIC Overtemperature Protection
(OTP) Starting Temperature
TJOTP
VIN = 8 to 35 V, automatic restoration of
operation when fault removed
135
150
–
°C
Undervoltage Lockout (UVLO) Voltage
VUVLO
6.0
7.0
7.5
V
UVLO Release Voltage
VUVLO(OFF)
5.5
6.5
7.0
V
UVLO Hysteresis Voltage2
VUVLOHYS
–
0.5
–
V
Minimum Input-Output Difference
VINVO(MIN)
3––
V
Built-In Software Start Time2
tSS
VIN = 12 V, IO = 1.0 A
–
6.4
–
ms
Maximum On Duty Cycle2
DMAX
–90–
%
Minimum On-Time2
tMIN
–
160
–
ns
Inductance Value
L
4.48
5.60
6.72
μH
1
The Electrical Characteristics value specifications apply when the MPM80 is connected as shown in figure 1.
2
Determined by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com