Electronic Components Datasheet Search
  English  ▼

X  

LT3791 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3791
Description  Four-Switch Buck-Boost LED Driver Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 2 Page - Linear Technology

  LT3791 Datasheet HTML 1Page - Linear Technology LT3791 Datasheet HTML 2Page - Linear Technology LT3791 Datasheet HTML 3Page - Linear Technology LT3791 Datasheet HTML 4Page - Linear Technology LT3791 Datasheet HTML 5Page - Linear Technology LT3791 Datasheet HTML 6Page - Linear Technology LT3791 Datasheet HTML 7Page - Linear Technology LT3791 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1666af
DEMO MANUAL DC1666A
performance summary (T
A = 25°C)
PARAMETER
CONDITION
VALUE (TYPICAL)
Input Voltage PVIN Range*
Operating
4.7V to 60V*
Switching Frequency
R12 = 86.6k
300kHz
ILED
CTRL = Float, 7V < PVIN < 57.6V
2.0A
VLED Range
R7 = 1M, R9 = 44.2k
9.5V < VLED < 25.5V
Open LED Voltage
R7 = 1M, R9 = 44.2k
28.3V
Typical Efficiency Boost Region
PVIN = 20V, VLED = 25V, ILED = 2A
97.5%
Typical Efficiency Buck-Boost Region
PVIN = 24V, VLED = 25V, ILED = 2A
96.8%
Typical Efficiency Buck Region
PVIN = 30V, VLED=25V, ILED = 2A
97.3%
Undervoltage Lockout (Falling Turn-Off)
R13 = 332k and R6 = 115k
4.7V
Undervoltage Lockout (Rising Turn-On)
R13 = 332k and R6 = 115k
5.7V
Overvoltage Lockout (Rising Turn-Off)
R11 = 54.9k, R19 = 1M
57.6V
Overvoltage Lockout (Falling Turn-On)
R11 = 54.9k, R19 = 1M
56.2V
Peak Switch Current Limit Boost Region
RS = 0.004Ω
11A
Valley Switch Current Limit Buck Region
RS = 0.004Ω
10A
* The guaranteed input voltage range of the LT3791 is 4.7V to 60V. Overvoltage lockout is set externally at 57.6V on this demo circuit to protect the 60V
MOSFETs M1 and M2. Overvoltage lockout is adjustable.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com