Electronic Components Datasheet Search
  English  ▼

X  

LT3791 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3791
Description  Four-Switch Buck-Boost LED Driver Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 6 Page - Linear Technology

  LT3791 Datasheet HTML 1Page - Linear Technology LT3791 Datasheet HTML 2Page - Linear Technology LT3791 Datasheet HTML 3Page - Linear Technology LT3791 Datasheet HTML 4Page - Linear Technology LT3791 Datasheet HTML 5Page - Linear Technology LT3791 Datasheet HTML 6Page - Linear Technology LT3791 Datasheet HTML 7Page - Linear Technology LT3791 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc1666af
DEMO MANUAL DC1666A
parts List
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Electrical Components
1
1
CSS
CAP X7R 0.01µF 50V 10% 0603
AVX, 06035C103KAT2A
2
1
CC
CAP X7R 0.022µF 50V 10% 0603
AVX, 06035C223KAT2A 5%
3
4
C2, C3, C12, C14
CAP X7R 2.2µF 100V 10% 1210
AVX, 12101C225KAT2A
4
1
C5
CAP X7R 1µF 100V 10% 1206
AVX, 12061C105KAT2A
5
3
C6, C8, C11
CAP X5R 0.1µF 16V 10% 0402
AVX, 0402YD104KAT2A
6
1
C7
CAP X5R 4.7µF 10V 10% 0603
AVX, 0603ZD475KAT2A
7
4
C9, C10, C13, C15
CAP X7R 4.7µF 50V 10% 1210
AVX, 12105C475KAT2A
8
2
D1-D2
DIODE Single Schottky Barrier Diode SOD-323
NXP, BAT46WJ
9
1
L1
INDUCTOR 10µH
Cooper Bussmann, HC9-100-R
10
2
M1, M2
MOSFET N-Channel 60V LFPAK
RENESAS, RJK0651DPB-00-J5
11
2
M3, M4
MOSFET N-Channel 40V LFPAK
RENESAS, RJK0451DPB-00-J5
12
1
M5
MOSFET N-Channel 40V SOT-23
VISHAY, Si2318DS-T1-E3
13
1
RLED
RES CHIP 0.050Ω 1% 2010
VISHAY, WSL2010R0500FEA
14
1
RS
RES CHIP 0.004Ω 1W 1% 2010
VISHAY, WSL20104L000FEA
15
1
R7
RES CHIP 1M 1% 0402
VISHAY, CRCW04021M00FKED
16
1
R9
RES CHIP 44.2k 1% 0402
VISHAY, CRCW040244K2FKED
17
1
R12
RES CHIP 86.6k 1% 0402
VISHAY, CRCW040286K6FKED
18
1
U1
IC LT3791EFE 38-LEAD TSSOP VERSION AA TSSOP
LINEAR, LT3791EFE#PBF
Optional Electrical Components
1
1
C4
CAP X5R 0.47µF 6.3V 10% 0402
AVX, 04026D474KAT2A
2
0
C16, C17
CAP 1210
OPTIONAL
3
0
C18
CAP 0603
OPTIONAL
4
0
D3, D4
DIODE SMB
OPTIONAL
5
2
RC, R16
RES CHIP 0Ω 0402
VISHAY, CRCW04020000Z0ED
6
1
RIN
RES CHIP 0.003Ω 1W 1% 1206
IRC, ULR-G-1-1206-R003-1-LF-SLT
7
1
R2
RES CHIP 0Ω 1206
VISHAY, CRCW12060000Z0EA
8
1
R3
RES CHIP 1M 1% 0402
VISHAY, CRCW04021M00FKED
9
2
R4, R5
RES CHIP 200k 5% 0603
VISHAY, CRCW0603200KJNEA
10
1
R6
RES CHIP 115k 1% 0603
VISHAY, CRCW0603115KFKEA
11
1
R8
RES CHIP 237k 1% 0402
VISHAY, CRCW0402237KFKED
12
0
R10, R15, R18, R20, R21 RES CHIP 0402Ω 0402
OPTIONAL
13
1
R11
RES CHIP 54.9k 1% 0402
VISHAY, CRCW040254K9FKED
14
1
R13
RES CHIP 332k 1% 0402
VISHAY, CRCW0402332KFKED
15
1
R14
RES CHIP 0Ω 0603
VISHAY, CRCW06030000Z0EA
16
1
R17
RES CHIP 51Ω 5% 0402
VISHAY, CRCW040251R0JNED
17
1
R19
RES CHIP 1M 1% 0603
VISHAY, CRCW06031M00FKED
18
0
R22, R23
RES CHIP 0Ω 0603
OPTIONAL
Hardware
1
22
E1-E22
TURRET 0.095
MILL-MAX, 2501-2-00-80-00-00-07-0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com