Electronic Components Datasheet Search
  English  ▼

X  

LT3791 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3791
Description  Four-Switch Buck-Boost LED Driver Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3791 Datasheet(HTML) 5 Page - Linear Technology

  LT3791 Datasheet HTML 1Page - Linear Technology LT3791 Datasheet HTML 2Page - Linear Technology LT3791 Datasheet HTML 3Page - Linear Technology LT3791 Datasheet HTML 4Page - Linear Technology LT3791 Datasheet HTML 5Page - Linear Technology LT3791 Datasheet HTML 6Page - Linear Technology LT3791 Datasheet HTML 7Page - Linear Technology LT3791 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
dc1666af
DEMO MANUAL DC1666A
Quick start proceDure
Figure 2. DC1666A Efficiency with 25V LEDs at 2A
Figure 3. DC1666A 100Hz 50:1 PWM Dimming
Waveforms at 12VIN and 25VLED at 2A
INPUT VOLTAGE (V)
0
80
84
88
92
10
20
30
40
3791 TA02b
50
96
100
82
86
90
94
98
60
BUCK
BOOST
BUCK-BOOST
PWM
5V/DIV
IL1
2A/DIV
ILED
2A/DIV
50µs/DIV
3791 TA02c
Figure 4. DC1666A CTRL LED Current Foldback at Low VIN with UVLO Falling and Rising and OVLO
INPUT VOLTAGE (V)
UVLO
(FALLING)
TURN-ON
(RISING)
3
0
4
5
6
7
DC1666A F04
8
1.0
2.0
0.5
1.5
9
10 50
55
60
TURN-ON
(FALLING)
OVLO
(RISING)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com