Electronic Components Datasheet Search
  English  ▼

X  

SARS02 Datasheet(PDF) 6 Page - Sanken electric

Part # SARS02
Description  High Efficiency Snubber Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS02 Datasheet(HTML) 6 Page - Sanken electric

  SARS02 Datasheet HTML 1Page - Sanken electric SARS02 Datasheet HTML 2Page - Sanken electric SARS02 Datasheet HTML 3Page - Sanken electric SARS02 Datasheet HTML 4Page - Sanken electric SARS02 Datasheet HTML 5Page - Sanken electric SARS02 Datasheet HTML 6Page - Sanken electric SARS02 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
SANKEN ELECTRIC CO., LTD.
SARS02-DS
High Efficiency Snubber Diode
SARS02
February 20, 2004
Packing Options
Axial taping
Axial taping
Reel
Ammunition
(Ammo) pack
0.5max
1.0 1.0
+
---
0.5
0.5max
52.0 0
+1
6.0 0
+0.5
6.0 0
+0.5
(Blue)
(White)
0.5max
1.0 1.0
+
---
0.5
0.5max
52.0 0
+1
(Blue)
(White)
6.0 0
+0.5
6.0 0
+0.5
Broken lines:
perforation
255max
77m
ax
Part No., Lot No., Quantity
Core Flange
81
75
25
Part No., Lot No.,
Quantity
15
Holddown clip
2
2
2
0.1
3,000 pieces
per reel
1,000 pieces
per box
V orientation
V1 orientation
Dimensions in mm
2
1
2
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com