Electronic Components Datasheet Search
  English  ▼

X  

SARS02 Datasheet(PDF) 1 Page - Sanken electric

Part # SARS02
Description  High Efficiency Snubber Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS02 Datasheet(HTML) 1 Page - Sanken electric

  SARS02 Datasheet HTML 1Page - Sanken electric SARS02 Datasheet HTML 2Page - Sanken electric SARS02 Datasheet HTML 3Page - Sanken electric SARS02 Datasheet HTML 4Page - Sanken electric SARS02 Datasheet HTML 5Page - Sanken electric SARS02 Datasheet HTML 6Page - Sanken electric SARS02 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
Not to scale
SARS02
SARS02-DS
February 20, 2004
Package: Axial
Features and Benefits
▪ High Peak Reverse Voltage, VRM : 800 V
▪ Low Forward Voltage, VF : 0.92 V (max.) at IF = 1.5 A
▪ Peak Forward Surge Current, IFSM : 100 A
▪ Average Forward Current, IF(AV) : 1.2 A
▪ Flammability rating UL94V-0 (Equivalent)
▪ Pins Pb (lead) free
Product Structure
High Efficiency Snubber Diode
Applications
▪ White goods appliances
▪ Audio-visual equipment
▪ Light fixtures
▪ Communication equipment
▪ Factory automation
Typical Application
Description
The SARS02 is an 800 V silicon diode designed especially for
use in high-efficiency snubber circuits. This diode can sustain
a high voltage with low loss, with low-noise rectification.
To suppress surge voltage, conduct the surge voltage and
noise into a capacitor via a series resistor, RS. Then allow the
capacitor to discharge the energy into power supply line with
the regenerative circuit operation, shown below in the typical
application circuit schematic.
Controller
SARS02
RS
Energy
Discharge
Loop
Surge
Voltage
Absorption
Loop
Epoxy resin body
Silicon chip
Silver plated and solder dipped
copper wire pins


Similar Part No. - SARS02

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SARS01 SANKEN-SARS01 Datasheet
158Kb / 6P
High Efficiency Snubber Diode
SARS05 SANKEN-SARS05 Datasheet
175Kb / 7P
High Efficiency Snubber Diode
More results

Similar Description - SARS02

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
PSD200-170 DACHANG-PSD200-170 Datasheet
175Kb / 5P
Power Snubber Diode
PSD200-200 DACHANG-PSD200-200 Datasheet
181Kb / 5P
Power Snubber Diode
PSD300-82 DACHANG-PSD300-82 Datasheet
147Kb / 5P
Power Snubber Diode
PSD300-200 DACHANG-PSD300-200 Datasheet
185Kb / 5P
Power Snubber Diode
logo
Sanken electric
SARS01 SANKEN-SARS01 Datasheet
158Kb / 6P
High Efficiency Snubber Diode
SARS05 SANKEN-SARS05 Datasheet
175Kb / 7P
High Efficiency Snubber Diode
SARS10 SANKEN-SARS10 Datasheet
147Kb / 7P
High Efficiency Snubber Diode
logo
Rugao Dachang Electroni...
PSD200-82 DACHANG-PSD200-82_15 Datasheet
143Kb / 5P
Power Snubber Diode
PSD300-82 DACHANG-PSD300-82_15 Datasheet
147Kb / 5P
Power Snubber Diode
logo
JILIN SINO-MICROELECTRO...
15F60UHF JSMC-15F60UHF Datasheet
271Kb / 6P
Snubber diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com