Electronic Components Datasheet Search
  English  ▼

X  

SARS02 Datasheet(PDF) 4 Page - Sanken electric

Part # SARS02
Description  High Efficiency Snubber Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS02 Datasheet(HTML) 4 Page - Sanken electric

  SARS02 Datasheet HTML 1Page - Sanken electric SARS02 Datasheet HTML 2Page - Sanken electric SARS02 Datasheet HTML 3Page - Sanken electric SARS02 Datasheet HTML 4Page - Sanken electric SARS02 Datasheet HTML 5Page - Sanken electric SARS02 Datasheet HTML 6Page - Sanken electric SARS02 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SANKEN ELECTRIC CO., LTD.
SARS02-DS
High Efficiency Snubber Diode
SARS02
February 20, 2004
1.2
1.0
0.8
0.6
0.4
0.2
0
t / T = 1/6
t / T = 1/3,
Average Forward Current, IF(AV) (A)
Forward Power Dissipation versus Average Forward Current
Tj = 150°C
t / T = 1/2
Sine wave
DC
0
0.2
0.4
0.6
0.8
1.0
1.2
0.5
0.4
0.3
0.2
0.1
0
1 – t / T = 5/6
Reverse Voltage, VR (V)
Reverse Power Dissipation versus Reverse Voltage
Tj = 150°C
1 – t / T = 2/3
1 – t / T = 1/2
Sine wave
0
200
400
600
800
Characteristic Performance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com