Electronic Components Datasheet Search
  English  ▼

X  

OPA244 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA244
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA244 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA244 Datasheet HTML 4Page - National Semiconductor (TI) OPA244 Datasheet HTML 5Page - National Semiconductor (TI) OPA244 Datasheet HTML 6Page - National Semiconductor (TI) OPA244 Datasheet HTML 7Page - National Semiconductor (TI) OPA244 Datasheet HTML 8Page - National Semiconductor (TI) OPA244 Datasheet HTML 9Page - National Semiconductor (TI) OPA244 Datasheet HTML 10Page - National Semiconductor (TI) OPA244 Datasheet HTML 11Page - National Semiconductor (TI) OPA244 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
®
OPA244, 2244, 4244
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
70%
60%
50%
40%
30%
20%
10%
0%
10
100
1k
10k
Load Capacitance (pF)
G = +1, R
L = ∞
G = +1, R
L = 20kΩ
G = +2, R
L = 20kΩ
G = +3, R
L = 20kΩ
OPA4244
Load Capacitance (pF)
60
50
40
30
20
10
0
100
1k
10k
G = –1
G = –2
G = +3
G = +1
OPA2244
OPA244
40
35
30
25
20
15
10
5
0
100
1k
10k
100k
1M
Frequency(Hz)
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
V
S = 2.7V
V
S =15V
V
S = 36V
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
1000
100
10
1
1
10
100
1k
10k
100k
1000
100
10
1
Voltage Noise
Current Noise
Temperature (
°C)
65
60
55
50
45
40
35
30
25
±40
±35
±30
±25
±20
±15
±10
±5
0
–75
–50
–25
0
25
50
75
100
125
–ISC
+I
SC
I
Q
OPA2244
OPA244
QUIESCENT AND SHORT-CIRCUIT CURRENT vs TEMPERATURE
60
55
50
45
40
35
30
20
–30
–25
–20
–15
+15
+10
+5
0
–75
–50
–25
025
50
75
100
125
Temperature (
°C)
–I
SC
+I
SC
I
Q
OPA4244
SMALL SIGNAL OVERSHOOT vs LOAD CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com