Electronic Components Datasheet Search
  English  ▼

X  

OPA244 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA244
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA244 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA244 Datasheet HTML 6Page - National Semiconductor (TI) OPA244 Datasheet HTML 7Page - National Semiconductor (TI) OPA244 Datasheet HTML 8Page - National Semiconductor (TI) OPA244 Datasheet HTML 9Page - National Semiconductor (TI) OPA244 Datasheet HTML 10Page - National Semiconductor (TI) OPA244 Datasheet HTML 11Page - National Semiconductor (TI) OPA244 Datasheet HTML 12Page - National Semiconductor (TI) OPA244 Datasheet HTML 13Page - National Semiconductor (TI) OPA244 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
®
OPA244, 2244, 4244
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = 25°C, VS = +15V, and RL = 20kΩ connected to Ground, unless otherwise noted.
V
OS Drift (µV/°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5.0
5.5
70
60
50
40
30
20
10
0
OPA4244
V
OS Drift (µV/°C)
0123456789
10
35
30
25
20
15
10
5
0
OPA2244
OPA244
OFFSET VOLTAGE PRODUCTION DISTRIBUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com