Electronic Components Datasheet Search
  English  ▼

X  

OPA244 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA244
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA244 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA244 Datasheet HTML 1Page - National Semiconductor (TI) OPA244 Datasheet HTML 2Page - National Semiconductor (TI) OPA244 Datasheet HTML 3Page - National Semiconductor (TI) OPA244 Datasheet HTML 4Page - National Semiconductor (TI) OPA244 Datasheet HTML 5Page - National Semiconductor (TI) OPA244 Datasheet HTML 6Page - National Semiconductor (TI) OPA244 Datasheet HTML 7Page - National Semiconductor (TI) OPA244 Datasheet HTML 8Page - National Semiconductor (TI) OPA244 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OPA244
OPA2244
OPA4244
®
© 1999 Burr-Brown Corporation
PDS-1437C
Printed in U.S.A. December, 1999
FEATURES
q MicroSIZE PACKAGES
OPA244 (Single): SOT-23-5
OPA2244 (Dual): MSOP-8
OPA4244 (Quad): TSSOP-14
q MicroPOWER: I
Q = 50µA/channel
q SINGLE SUPPLY OPERATION
q WIDE BANDWIDTH: 430kHz
q WIDE SUPPLY RANGE:
Single Supply: 2.2V to 36V
Dual Supply:
±1.1V to ±18V
DESCRIPTION
The OPA244 (single), OPA2244 (dual), and OPA4244 (quad)
op amps are designed for very low quiescent current
(50
µA/channel), yet achieve excellent bandwidth. Ideal for
battery powered and portable instrumentation, all versions are
offered in micro packages for space-limited applications.
The dual and quad versions feature completely independent
circuitry for lowest crosstalk and freedom from interaction, even
when overdriven or overloaded.
The OPA244 series is easy to use and free from phase
inversion and overload problems found in some other op amps.
These amplifiers are stable in unity gain and excellent perfor-
mance is maintained as they swing to their specified limits.
They can be operated from single (+2.2V to +36V) or dual
supplies (
±1.1V to ±18V). The input common-mode voltage
range includes ground—ideal for many single supply applica-
tions. All versions have similar performance. However, there
are some differences, such as common-mode rejection. All
versions are interchangeable in most applications.
All versions are offered in miniature, surface-mount packages.
OPA244 (single version) comes in the tiny 5-lead SOT-23-5
surface mount, SO-8 surface mount, and 8-pin DIP. OPA2244
(dual version)
is available in the MSOP-8 surface mount,
SO-8 surface-mount, and 8-pin DIP. The OPA4244 (quad)
comes in the TSSOP-14 surface mount. They are fully specified
from –40
°C to +85°C and operate from –55°C to +125°C.
A SPICE Macromodel is available for design analysis.
Micro
Power, Single-Supply
OPERATIONAL AMPLIFIERS
Micro
Amplifier ™ Series
APPLICATIONS
q BATTERY POWERED SYSTEMS
q PORTABLE EQUIPMENT
q PCMCIA CARDS
q BATTERY PACKS AND POWER SUPPLIES
q CONSUMER PRODUCTS
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2244
8-Pin DIP, SO-8, MSOP-8
A
B
1
2
3
5
4
V+
–In
Out
V–
+In
OPA244
SOT-23-5
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA244
8-Pin DIP, SO-8
®
OPA4244
OPA244
OPA244
OPA2244
OPA2244
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output D
–Input D
+Input D
–V
+Input C
–Input C
Output C
Output A
–Input A
+Input A
+V
+Input B
–Input B
Output B
OPA4244
TSSOP-14
SBOS088


Similar Part No. - OPA244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA244 TI-OPA244 Datasheet
1Mb / 30P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
December, 1999
OPA244 TI2-OPA244 Datasheet
1Mb / 30P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
23-May-2025
logo
Burr-Brown (TI)
OPA244NA BURR-BROWN-OPA244NA Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA244

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com