Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVT
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVT Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button OPA320SAIDBVT Datasheet HTML 19Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 20Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 21Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 22Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 26Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA2320AIDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2320AIDGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2320AIDGKT
VSSOP
DGK
8
250
180.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2320AIDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
OPA2320AIDRGR
SON
DRG
8
3000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
OPA2320AIDRGT
SON
DRG
8
250
180.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
OPA2320SAIDGSR
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA2320SAIDGST
VSSOP
DGS
10
250
180.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
OPA320AIDBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Feb-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com