Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVT
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVT Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button OPA320SAIDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 14Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 15Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 16Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 17Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
OPA320
V+
V
OUT
V
IN
R
IN
R
C
=R
´
C
´
IN
IN
F
F
R
F
C
L
C
IN
C
IN
C
F
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
www.ti.com
FEEDBACK CAPACITOR IMPROVES
result of signal rectification associated with the
RESPONSE
internal semiconductor junctions. While all operational
amplifier pin functions can be affected by EMI, the
For optimum settling time and stability with high-
input pins are likely to be the most susceptible. The
impedance feedback networks, it may be necessary
OPA320 operational amplifier family incorporates an
to add a feedback capacitor across the feedback
internal
input
low-pass
filter
that
reduces
the
resistor, RF, as shown in Figure 35. This capacitor
amplifiers response to EMI. Both common-mode and
compensates for the zero created by the feedback
differential mode filtering are provided by the input
network
impedance
and
the
OPA320
input
filter. The filter is designed for a cut-off frequency of
capacitance (and any parasitic layout capacitance).
approximately 580MHz (–3dB), with a roll-off of 20dB
The effect becomes more significant with higher
per decade.
impedance networks.
OUTPUT IMPEDANCE
The open-loop output impedance of the OPA320
common-source output stage is approximately 90
Ω.
When the op amp is connected with feedback, this
value is reduced significantly by the loop gain. For
example, with 130dB (typ) of open-loop gain, the
output impedance is reduced in unity-gain to less
than 0.03
Ω. For each decade rise in the closed-loop
gain, the loop gain is reduced by the same amount,
which results in a ten-fold increase in effective output
impedance. While the OPA320 output impedance
remains very flat over a wide frequency range, at
higher frequencies the output impedance rises as the
open-loop gain of the op amp drops. However, at
NOTE: Where CIN is equal to the OPA320 input capacitance
these frequencies the output also becomes capacitive
(approximately 9pF) plus any parasitic layout capacitance.
as a result of parasitic capacitance. This in turn
prevents the output impedance from becoming too
Figure 35. Feedback Capacitor Improves
high, which can cause stability problems when driving
Dynamic Performance
large capacitive loads. As mentioned previously, the
OPA320 has excellent capacitive load drive capability
It is suggested that a variable capacitor be used for
for an op amp with its bandwidth.
the feedback capacitor because input capacitance
may vary between op amps and layout capacitance is
CAPACITIVE LOAD AND STABILITY
difficult to determine. For the circuit shown in
The OPA320 is designed to be used in applications
Figure 35, the value of the variable feedback
where driving a capacitive load is required. As with all
capacitor should be chosen so that the input
op amps, there may be specific instances where the
resistance times the input capacitance of the OPA320
OPA320 can become unstable. The particular op amp
(typically 9pF) plus the estimated parasitic layout
circuit configuration, layout, gain, and output loading
capacitance equals the feedback capacitor times the
are some of the factors to consider when establishing
feedback resistor:
whether an amplifier is stable in operation. An op
RIN × CIN = RF × CF
amp in the unity-gain (+1V/V) buffer configuration and
Where:
driving a capacitive load exhibits a greater tendency
to become unstable than an amplifier operated at a
CIN is equal to the OPA320 input capacitance
higher noise gain. The capacitive load, in conjunction
(sum of differential and common-mode) plus the
with the op amp output resistance, creates a pole
layout capacitance.
within the feedback loop that degrades the phase
The
capacitor
value
can
be
adjusted
until
margin.
The
degradation
of
the
phase
margin
optimum performance is obtained.
increases as the capacitive loading increases. When
operating in the unity-gain configuration, the OPA320
EMI SUSCEPTIBILITY AND INPUT FILTERING
remains stable with a pure capacitive load up to
Operational
amplifiers
vary
in
susceptibility
to
approximately 1nF.
electromagnetic interference (EMI). If conducted EMI
enters
the
operational
amplifier,
the
dc
offset
observed at the amplifier output may shift from the
nominal value while EMI is present. This shift is a
14
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com