Electronic Components Datasheet Search
  English  ▼

X  

OPA320SAIDBVT Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320SAIDBVT
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320SAIDBVT Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button OPA320SAIDBVT Datasheet HTML 20Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 21Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 22Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 23Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 24Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 25Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 26Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 27Page - National Semiconductor (TI) OPA320SAIDBVT Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA2320AIDGKR
VSSOP
DGK
8
2500
367.0
367.0
35.0
OPA2320AIDGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
OPA2320AIDGKT
VSSOP
DGK
8
250
210.0
185.0
35.0
OPA2320AIDR
SOIC
D
8
2500
367.0
367.0
35.0
OPA2320AIDRGR
SON
DRG
8
3000
367.0
367.0
35.0
OPA2320AIDRGT
SON
DRG
8
250
210.0
185.0
35.0
OPA2320SAIDGSR
VSSOP
DGS
10
2500
367.0
367.0
35.0
OPA2320SAIDGST
VSSOP
DGS
10
250
210.0
185.0
35.0
OPA320AIDBVT
SOT-23
DBV
5
250
195.0
200.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Feb-2014
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com