Electronic Components Datasheet Search
  English  ▼

X  

CS51023 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS51023
Description  Enhanced Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51023 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

  CS51023 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
timing capacitor’s discharge current is trimmed, the maxi-
mum duty cycle is well defined. It is determined by the
ratio between the timing resistor RT and the timing capaci-
tor CT. Refer to figures 5 and 6 to select appropriate values
for RT and CT.
fSW =
; TSW = tCH + tDIS
Figure 5: Frequency vs. RT for Discrete Capacitor Values.
Figure 6: Duty Cycle vs. RT for Discrete Capacitor Values.
90
80
70
60
50
40
10
15
20
25
30
35
540
45
50
RT (kΩ)
2
3
4
5
6
7
8
55
100
1
1. CT = 47pF
2. CT = 100pF
3. CT = 150pF
4. CT = 220pF
5. CT = 390pF
6. CT = 470pF
7. CT = 560pF
8. CT = 680pF
2500
2000
1500
1000
500
0
10
15
20
25
30
35
540
45
50
RT (kΩ)
1
2
3
4
5
6
7
8
1. CT = 47pF
2. CT = 100pF
3. CT = 150pF
4. CT = 220pF
5. CT = 390pF
6. CT = 470pF
7. CT = 560pF
8. CT = 680pF
1
TSW
Circuit Description: continued



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com