Electronic Components Datasheet Search
  English  ▼

X  

CS51023 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS51023
Description  Enhanced Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51023 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS51023 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: -40°C < TA < 85°C, -40°C < TJ < 150°C, 3V < VC < 20V, 8.2V < VCC < 20V,
RT = 12kΩ, CT = 390pF, unless otherwise stated
s
Error Amplifier continued
COMP High Voltage
VFB = 2.3V
4.35
4.8
5
V
COMP Low Voltage
VFB = 2.7V
0.4
0.8
1.2
V
PS Ripple Rejection
FREQ = 120Hz (Note 1)
60
85
dB
SS Clamp, VCOMP
VSS=2.5V, VFB = 0V, ISET = 2V
2.4
2.5
2.6
V
ILIM(SET) Clamp
(Note 1)
0.95
1
1.15
V
s
Oscillator
Accuracy
RT = 12k, CT = 390pF
230
255
280
kHz
Voltage Stability
Delta Frequency 8.2V < VCC < 20V
2
3
%
Temperature Stability
TMIN < TA < TMAX (Note1)
8
%
Min Charge & Discharge Time
(Note1)
0.333
µs
Duty Cycle Accuracy
RT = 12k, CT = 390pF
70
77
83
%
Peak Voltage
(Note 1)
3
V
Valley Voltage
(Note 1)
1.5
V
Valley Clamp Voltage
10k Resistor to ground on RTCT
1.2
1.4
1.6
V
Discharge Current
0.8
1
1.2
mA
Discharge Current
TA=25°C (Note 1)
0.925
1
1.075
mA
s
Synchronization (CS51021/23)
Input Threshold
1.0
1.5
2.7
V
Output Pulsewidth
160
260
360
ns
Output High Voltage
ISYNC = 100µA
3.5
4.3
4.8
V
Input Resistance
(Note 1)
35
70
140
kΩ
Drive Delay
SYNC to GATE RESET
80
120
150
ns
Output Drive Current
1k Load
1.25
2
3.5
mA
s
SLEEP (CS51022/24)
SLEEP Input Threshold
Active High
1.0
1.5
2.7
V
SLEEP Input Current
VSLEEP = 4V
11
25
46
µA
ICC @ SLEEP
VCC ≤ 15V
50
100
µA
s
GATE Driver
HIGH Voltage
Measure VC-GATE, VC = 10V, 150mA Load
1.5
2.2
V
LOW Voltage
Measure GATE-PGnd, 150mA SINK
1.2
1.5
V
HIGH Voltage Clamp
VC = 20V, 1nF
11
13.5
16
V
LOW Voltage Clamp
Measured at 10mA Output Current
0.6
0.8
V
Peak Current
VC = 20V, 1nF (Note 1)
1
A
UVL Leakage
VC = 20V, measured at 0V
-1
-50
µA
RISE Time
Load = 1nF, 1V < GATE < 9V,
60
100
ns
VC = 20V, TA = 25˚C
FALL Time
Load = 1nF, 9V > GATE > 1V, VC = 20V
15
40
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com