Electronic Components Datasheet Search
  English  ▼

X  

CS51023 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS51023
Description  Enhanced Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51023 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

  CS51023 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51023 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Part Number
Description
CS51021ED16
16L SO Narrow
CS51021EDR16
16L SO Narrow (tape & reel)
CS51022ED16
16L SO Narrow
CS51022EDR16
16L SO Narrow (tape & reel)
CS51023ED16
16L SO Narrow
CS51023EDR16
16L SO Narrow (tape & reel)
CS51024ED16
16L SO Narrow
CS51024EDR16
16L SO Narrow (tape & reel)
Rev. 2/22/99
Ordering Information
Package Specification
Thermal Data
16L SO Narrow
RΘJC
typ
28
˚C/W
RΘJA
typ
115
˚C/W
D
Lead Count
Metric
English
Max
Min
Max Min
16L SO Narrow
10.00
9.80
.394
.386
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com