Electronic Components Datasheet Search
  English  ▼

X  

CS5112 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS5112
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5112 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS5112 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 10Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Application Notes: continued
Step 4
Determine the maximum on time at the minimum oscilla-
tor frequency and VIN. For discontinuous operation, all of
the stored energy in the inductor is transferred to the load
prior to the next cycle. Since the current through the
inductor cannot change instantaneously and the induc-
tance is constant, a volt-second balance exists between the
on time and off time. The voltage across the inductor dur-
ing the on cycle is VIN and the voltage across the inductor
during the off cycle is VOUT - VIN. Therefore:
VINton = (VOUT -VIN)toff
(4a)
where the maximum on time is:
ton(max) Å
.
(4b)
Step 5
Calculate the maximum inductance allowed for discontin-
uous operation:
L(max) =
(5)
where
h = efficiency.
Usually
h = 0.75 is a good starting point. The ICÕs power
dissipation should be calculated after the peak current has
been determined in Step 6. If the efficiency is less than
originally assumed, decrease the efficiency and recalculate
the maximum inductance and peak current.
Step 6
Determine the peak inductor current at the minimum
inductance, minimum VIN and maximum on time to make
sure the inductor current doesnÕt exceed 1.4A.
Ipk =
(6)
Step 7
Determine the minimum output capacitance and maxi-
mum ESR based on the allowable output voltage ripple.
COUT(min) =
(7a)
ESR(min) =
(7b)
In practice, it is normally necessary to use a larger capaci-
tance value to obtain a low ESR. By placing capacitors in
parallel, the equivalent ESR can be reduced.
Step 8
Compensate the feedback loop to guarantee stability
under all operating conditions. To do this, we calculate the
modulator gain and the feedback resistor network attenu-
ation and set the gain of the error amplifier so that the
overall loop gain is 0dB at the crossover frequency, fCO. In
addition, the gain slope should be -20dB/decade at the
crossover frequency.
The low frequency gain of the modulator (i.e. error ampli-
fier output to output voltage) is:
=
Ã
,
(8a)
where
Ipk(max) =
=
=2.3A.
The VOUT/VEA transfer function has a pole at:
fp = 1/(¹RLoadCOUT) ,
(8b)
and a zero due to the output capacitorÕs ESR at:
fz = 1/(2¹ESR COUT).
(8c)
Since the error amplifier reference voltage is 1.25V, the
output voltage must be divided down or attenuated
before being applied to the input of the error amplifier.
The feedback resistor divider attenuation is:
.
The error amplifier in the CS5112 is an operational transcon-
ductance amplifier (OTA), with a gain given by:
GOTA = gmZOUT
(8d)
where:
gm =
.
(8e)
For the CS5112, gm = 2700µA/V typical.
One possible error amplifier compensation scheme is
shown in Figure 9. This gives the error amplifier a gain
plot as shown in Figure 10.
For the error amplifier gain shown in Figure 10, a low fre-
quency pole is generated by the error amplifier output
impedance and C1. This is shown by the line AB with a -
20dB/decade slope in Figure 12. The slope changes to zero
at point B due to the zero at:
fz = 1/(2¹R4C1).
(8f)
Figure 9. RC network used to compensate the error amplifier (OTA).
VOUT
VFB1
VFB2
M
U
X
SELECT
Error
Amplifier
1.25V
+
Ð
C1
R4
C2
R1
R2
R3
ÆIOUT
ÆVIN
1.25V
VOUT
(2.4V)/(7)
150m½
VEA(max)/GCSA
RS
RLoad Lf
2
Ipk(max)
VEA(max)
ÆVOUT
ÆVEA
ÆVripple
Ipk
Ipk
8fÆVripple
VIN(min) ton(max)
L(min)
fSW(min) VIN2(min) ton2(max)
2 POUT/h
]
1
fSW(min)
[]
1 -
VIN(min)
VOUT(max)
[



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com