Electronic Components Datasheet Search
  English  ▼

X  

CS5112 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5112
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5112 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5112 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 10Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Part Number
Description
CS5112EDWF24
24 Lead SO Wide
(internally fused leads)
CS5112EDWFR24
24 Lead SO Wide
(internally fused leads) (tape & reel)
Rev. 4/22/99
Thermal
24 Lead SO Wide
Data
(internally fused leads)
RQJC
typ
9
ûC/W
RQJA
typ
55
ûC/W
Package Specification
PACKAGE THERMAL DATA
Ordering Information
D
Lead Count
Metric
English
Max
Min
Max
Min
24 Lead SO Wide
15.60
15.20
.614
.598
(internally fused leads)
PACKAGE DIMENSIONS IN mm (INCHES)
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com