Electronic Components Datasheet Search
  English  ▼

X  

CS5112 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5112
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5112 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5112 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5112 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
s Linear Regulator
5V ± 2% @ 100mA
s Switching Regulator
1.4A Peak Internal
Switch
120kHz Maximum
Switching Frequency
5V to 26V Operating
Supply Range
s Smart Functions
Watchdog
s Protection
Overtemperature
Current Limit
ENABLE
RESET
Package Options
24 Lead SO Wide
(Internally Fused Leads)
1.4A Switching Regulator with 5V, 100mA Linear
Regulator with Watchdog, RESET and ENABLE
1
VREG
VLIN
IBIAS
Gnd
Gnd
Gnd
Gnd
RESET
CDelay
WDI
COSC
VIN
NC
NC
VSW
Gnd
Gnd
Gnd
Gnd
VFB1
VFB2
SELECT
COMP
ENABLE
CS5112
Description
Over
Temperature
VIN
Linear
Error Amplifier
1.25V
VREG
1.4A
VSW
COMP
VFB1
VFB2
SELECT
VLIN
IBIAS
CDELAY
RESET &
Watchdog Timer
Current
Limit
WDI
COSC
Base
Drive
RESET
Gnd
Bandgap
Reference
Oscillator
Multiplexer
-
COMP
Logic
Switcher Shutdown
Switcher
Error Amplifier
Current Sense Amplifier
ENABLE
Block Diagram
A
Company
¨
Rev. 4/22/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
The CS5112 is a dual output power sup-
ply integrated circuit. It contains a 5V
±2%, 100mA linear regulator, a watchdog
timer, a linear output voltage monitor to
provide a Power On Reset (POR) and a
1.4A current mode PWM switching reg-
ulator.
The 5V linear regulator is comprised of
an error amplifier, reference, and super-
visory functions. It has low internal sup-
ply current consumption and provides
1.2V (typical) dropout voltage at maxi-
mum load current.
The watchdog timer circuitry monitors
an input signal (WDI) from the micro-
processor. It responds to the falling
edge of this watchdog signal. If a correct
watchdog signal is not received within
the externally programmable time, a
reset signal is issued.
The externally programmable active
reset circuit operates correctly for an out-
put voltage (VLIN) as low as 1V. During
power up, or if the output voltage shifts
below the regulation limit,
tog-
gles low and remains low for the duration
of the delay after proper output voltage
regulation is restored. Additionally a reset
pulse is issued if the correct watchdog is
not received within the programmed
time. Reset pulses continue until the cor-
rect watchdog signal is received. The
reset pulse width and frequency, as well
as the Power On Reset delay, are set by
one external RC network.
The current mode PWM switching regu-
lator is comprised of an error amplifier
with selectable feedback inputs, a cur-
rent sense amplifier, an adjustable oscil-
lator, and a 1.4A output power switch
with anti-saturation control. The switch-
ing regulator can be configured in a
variety of topologies.
The CS5112 is load dump capable and
has protection circuitry which includes
current limit on the linear and switcher
outputs, and an overtemperature limiter.
RESET


Similar Part No. - CS5112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS5112 ONSEMI-CS5112 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS5112YDWF24 ONSEMI-CS5112YDWF24 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS5112YDWF24G ONSEMI-CS5112YDWF24G Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS5112YDWFR24 ONSEMI-CS5112YDWFR24 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results

Similar Description - CS5112

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com