Electronic Components Datasheet Search
  English  ▼

X  

CS5132 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS5132
Description  Dual Output CPU Buck Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5132 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS5132 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristics: 0ûC < TA < 70ûC; 0ûC < TJ < 125ûC; VOUT2 3.5V, 9V VCC1 14V, 9V VCC2 14V; 2.0V DAC Code
(VID4= VID3 = VID2 = VID1 = 0, VID0 = 1), CGATE(H) = CGATE(L) = CGATE = 3.3nF, COFF = 390pF; Unless otherwise stated.
6
s VI/O Switching Regulator Error Amplifier continued
Unity Gain Bandwidth
CCOMP2 = 0.1µF
20
KHz
PSRR @ 1kHZ
CCOMP2 = 0.1µF
70
dB
Reference Voltage
VFB2=COMP2
1.205
1.230
1.255
V
s GATE
High Voltage at 100mA
Measure VCC2 ÐGATE
1.2
2.1
V
Low Voltage at 100mA
Measure GATE
1.0
1.5
V
Rise Time
1.6V < GATE < (VCC2 Ð 2.5V)
40
80
ns
Fall Time
(VCC2 Ð 2.5V) > GATE > 1.6V
40
80
ns
GATE pull-down
Resistance to PGnd
20
50
115
k½
s VI/O Overcurrent Protection
OVC2 Comparator Offset Voltage 0V < VOUT2 ² 3.5V
77
86
101
mV
Discharge Threshold Voltage
0.2
0.25
0.3
V
VOUT2 Bias Current
0.2V ² VOUT2 ² 3.5V
-7.0
0.1
7.0
µA
OVC2 Latch Discharge Current
100
800
2500
µA
s PWM Comparator 2
PWM Comparator Offset Voltage 0V ² VFFB2 ² 3.5V
0.99
1.10
1.22
V
Transient Response
VFFB2 = 0 to 3.5V
200
300
ns
VFFB2 Bias Current
0.2V ² VFFB2 ² 3.5V
-7.0
0.1
7.0
µA
s COFF2
Off-Time
1.0
1.6
2.3
µs
Charge Current
VCOFF2 = 1.5V
550
µA
Discharge Current
VCOFF2 = 1.5V
25
mA
s General Electrical Specifications
VCC Monitor Start Threshold
All Outputs On
7.9
8.4
8.9
V
VCC Monitor Stop Threshold
All Outputs Off
7.6
8.1
8.6
V
Hysteresis
Start - Stop
0.15
0.30
0.60
V
VCC1 Supply Current
No Load on GATE(L)
13
20
mA
VCC2 Supply Current
No Loads on GATE(H) and GATE
6
9
mA
Note 1: Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com