Electronic Components Datasheet Search
  English  ▼

X  

CS5132 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS5132
Description  Dual Output CPU Buck Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5132 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS5132 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 16Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
than ±165mV. Repeating step 2a, we select four (4)
1200µF/10V Sanyo GX output capacitors.
Step 3: Duty Cycle, Switching Frequency, TON & TOFF
Duty Cycle
» VOUT / VIN.
D = 2.0V / 5V = 40% for 2V output.
D = 3.3V / 5V = 66% for 3.3V output.
Select 200kHz Switching Frequency (FSW).
Step 3a: Calculate On-Time for 2V Output
TON =
=
= 2µs
Calculate Off-Time:
TOFF =
= 5µs - 2µs = 3µs.
Select the COFF1 capacitor in order to set the Off-Time:
COFF1 =
=
= 750pF.
A standard COFF1 capacitance value of 680pF can be used.
The 3980 factor is a characteristic of the CS5132.
Step 3b: Calculate On-Time for 3.3V Output
TON =
=
= 3.3µs
Calculate Off-Time:
TOFF =
- TON = 5µs Ð 3.3µs = 1.7µs.
Select COFF2 to be 390pF.
Step 4: Output Inductor
The inductor should be selected based on its inductance,
current capability, and DC resistance. Increasing the induc-
tor value will decrease output voltage ripple, but degrade
transient response. There are many factors to consider in
selecting the inductor including: cost, efficiency, EMI and
ease of manufacture. The inductor must be able to handle
the peak current at the switching frequency without satu-
rating, and the copper resistance in the winding should be
kept as low as possible to minimize resistive power loss.
There are a variety of materials and types of magnetic
cores that could be used for this application. Among them
are: ferrites, molypermalloy cores (MPP), amorphous and
powdered iron cores. We will use a powdered iron core.
Iron powdered cores are very suitable due to their high sat-
uration flux density and have low loss at high frequencies,
a distributed gap and exhibit very low EMI.
Calculate Inductor Value:
L=
=
=
=1.2µH.
Step 4a: Select 2% Ripple on 2V Output
DVOUT = 2% ´ 2V = 40mV
The maximum allowable Inductor Ripple Current for a 2%
ripple on the 2V output is:
DIL=
=
= 7.3A,
which corresponds to the following maximum Inductor
Peak and Valley currents:
IL(PEAK) = IOUT +
()= 16A + () = 19.6A,
IL(VALLEY) = IOUT -
() = 16A - () = 12.4A.
The selected 1.2µH inductor yields the following ripple
current:
DIL=
=
= 5A.
The maximum inductor peak current becomes:
IL(PEAK) = 16A +
= 16A + 2.5A = 18.5A.
The inductor valley current becomes:
IL(VALLEY) = 16A -
= 16A - 2.5A = 13.5A.
The above values are well within the maximum allowable
inductor peak and valley currents for a 2% output voltage
ripple.
Select Toroid Powdered Iron Core, low cost, low core loss-
es at 200kHz, low EMI.
Select XFMRS Inc, XF0016-VO4 1.2µH inductor with RDC =
0.003½ typical, 0.008½ maximum.
Step 4b: Select 2% Ripple on 3.3V Output
Repeating Step 4a for the 3.3V output, we find 3.5µH is a
suitable value for this output.
Step 5: Input Capacitors
These components must be selected and placed carefully to
yield optimal results. Capacitors should be chosen to pro-
vide acceptable ripple on the input supply lines. Key speci-
fications for input capacitors are their ripple rating.
Step 5a: VCC(CORE) Buck Regulator Input Capacitors
The input capacitor CIN should also be able to handle the
5A
2
5A
2
(5V - 2V)
´ 0.4
200kHz
´ 1.2µH
(VIN - VOUT) ´ D
FSW ´ L
7.3A
2
DIL
2
7.3A
2
DIL
2
40mV
5.5m½
DVOUT
Total ESR
3V
´ 6µs
15A
(5V-2V)
´ 6µs
15A
(VIN - VOUT) tTR
DI
1
FSW
0.66
200kHz
D
FSW
5µs
´ 0.6
3980
Period
´ (1-D)
3980
- TON
1
FSW
0.40
200kHz
D
FSW
Application Information: continued
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com