Electronic Components Datasheet Search
  English  ▼

X  

CS5132 Datasheet(PDF) 15 Page - Cherry Semiconductor Corporation

Part # CS5132
Description  Dual Output CPU Buck Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5132 Datasheet(HTML) 15 Page - Cherry Semiconductor Corporation

Back Button CS5132 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5132 Datasheet HTML 19Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Lower (Synchronous) FET Total Losses = Switch Conduc-
tion Losses + Body Diode Losses:
PFETL(TOTAL) = 1.27W + 0.16W =1.43W.
Calculate Maximum NFET Switch Junction Temperature:
TJ = TA + [(PFETL(TOTAL) ) ´QJA ],
TJ = 50C + (1.43W) ´ 40ûC/W = 107¡C.
Calculate the Gate Driver Losses:
PGATE(L) = Q ´ VGATE ´ FSW
= 50nC
´ 12V ´ 200KHz = 120mW.
Step 7: Free Wheeling Schottky Diode (3.3V Output)
The four most application-important characteristics of a
Schottky are:
1. Forward voltage drop;
2. Reverse leakage current;
3. Reverse blocking voltage;
4. Maximum permissible junction temperature.
We calculate the average Schottky current:
IAVG = IOUT ´ (1-D) = 8A ´ 0.34 = 2.72A.
We select the Motorola MBRD835L rated at 8A, with 35V
DC blocking voltage and 0.51Vforward voltage drop.
Neglecting reverse losses, the power dissipation is due to
the conduction loss only and can be computed as follows:
PSCHOTTKY = VF ´ IAVG,
where
VF = maximum instantaneous forward voltage;
PSCHOTTKY = 0.51V ´ 2.72A = 1.39W.
Calculate maximum Schottky junction temperature:
TJ = TA + [(PSCHOTTKY ) ´QJA ],
TJ = 50C + (1.39W ´ 80ûC/W) = 161¡C.
Proper heatsinking (copper pad under Schottky) will be
required to reduce Schottky TJ below +125ûC.
Step 8: IC Power Dissipation
The power dissipation on the IC varies with the MOSFETs
used, VCC and the CS5132 operating frequency. This power
dissipation is typically dominated by the average gate
charge current for the MOSFETs. The average current is
approximately:
ID = (QGATE(H) + QGATE(L)) ´ FSW1 + QGATE ´ FSW2,
where
ID = average drive current;
QGATE(X) = total gate charge for each MOSFET;
FSW1, FSW2 = switching frequencies for the synchronous
and non-synchronous sections respectively.
The power dissipation for the IC when VCC1 = VCC2 =
VCC is:
PD = ICC ´ VCC + ID ´ VCC,
where
ICC = quiescent supply current of the IC (both from VCC1
and VCC2).
For the design example in question,
PD = 19mA ´ 12V + 0.12W + 0.12W + 0.12W = 0.59W.
The junction temperature of the IC is primarily a function
of the PCB layout, since most of the heat is removed
through the traces connected to the pins of the IC.
Adaptive voltage positioning is used to help keep the out-
put voltage within specification during load transients. To
implement adaptive voltage positioning a ÒDroop
ResistorÓ must be connected between the output inductor
and output capacitors and load. This resistor carries the
full load current and should be chosen so that both DC and
AC tolerance limits are met. An embedded PC trace resis-
tor has the distinct advantage of near zero cost implemen-
tation. However, this droop resistor can vary due to three
reasons: 1) the sheet resistivity variation caused by varia-
tion in the thickness of the PCB layer; 2) the mismatch of
L/W; and 3) temperature variation.
1) Sheet Resistivity
For one ounce copper, the thickness variation is typically
1.26 mil to 1.48 mil. Therefore the error due to sheet resis-
tivity is:
= ±8%.
2) Mismatch due to L/W
The variation in L/W is governed by variations due to the
PCB manufacturing process. The error due to L/W mis-
match is typically 1%.
3) Thermal Considerations
Due to I2
´ R power losses the surface temperature of the
droop resistor will increase causing the resistance to
increase. Also, the ambient temperature variation will con-
tribute to the increase of the resistance, according to the
formula:
R = R20 [1+ a20(T-20)],
1.48 - 1.26
1.37
ÒDroopÓ Resistor for Adaptive Voltage Positioning
and Current Limit
Application Information: continued
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com