Electronic Components Datasheet Search
  English  ▼

X  

CS5165H Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS5165H
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165H Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS5165H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 13Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Figure 5: Normal Operation showing Output Inductor Ripple Current
and Output Voltage Ripple, 0.5A Load, VOUT = +2.84V (DAC = 10111)
Figure 6: Normal Operation showing Output Inductor Ripple Current
and Output Voltage Ripple, ILOAD = 14A, VOUT = +2.84V (DAC = 10111)
Transient Response
The CS5165H V2™ Control Loop’s 100ns reaction time pro-
vides unprecedented transient response to changes in
input voltage or output current. Pulse-by-pulse adjustment
of duty cycle is provided to quickly ramp the inductor cur-
rent to the required level. Since the inductor current cannot
be changed instantaneously, regulation is maintained by
the output capacitor(s) during the time required to slew the
inductor current.
Overall load transient response is further improved
through a feature called “Adaptive Voltage Positioning”.
This technique pre-positions the output capacitors voltage
to reduce total output voltage excursions during changes in
load.
Holding tolerance to 1% allows the error amplifiers refer-
ence voltage to be targeted +40mV high without compro-
mising DC accuracy. A “Droop Resistor”, implemented
through a PC board trace, connects the Error Amps feed-
back pin (VFB) to the output capacitors and load and carries
the output current. With no load, there is no DC drop
across this resistor, producing an output voltage tracking
the Error amps, including the +40mV offset. When the full
load current is delivered, an 80mV drop is developed
across this resistor. This results in output voltage being off-
set -40mV low.
The result of Adaptive Voltage Positioning is that addition-
al margin is provided for a load transient before reaching
the output voltage specification limits. When load current
suddenly increases from its minimum level, the output
capacitor is pre-positioned +40mV. Conversely, when load
current suddenly decreases from its maximum level, the
output capacitor is pre-positioned -40mV (see figures 7, 8,
and 9). For best Transient Response, a combination of a
number of high frequency and bulk output capacitors are
usually used.
If the Maximum On-Time is exceeded while responding to
a sudden increase in Load current, a normal off-time
occurs to prevent saturation of the output inductor.
Figure 7: Output Voltage Transient Response to a 14A load pulse,
VOUT= +2.84V (DAC = 10111).
Trace 3 -Load Current (5A/10mV/div)
Trace 4 - VOUT (100mV/div)
Trace 1 - GATE(H) (10/div)
Trace 2 - Inductor Switching Node (5V/div)
Trace 3 - Output Inductor Ripple Current (2A/div)
Trace 4 - VOUT ripple (20mV/div)
Trace 1 GATE (H) (10V/div)
Trace 2 Inductor Switching Node (5V/div)
Trace 3 Output Inductor Ripple Current (2A/div)
Trace 4 VOUT ripple (20mV/div)
9
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com