Electronic Components Datasheet Search
  English  ▼

X  

CS5165H Datasheet(PDF) 15 Page - Cherry Semiconductor Corporation

Part # CS5165H
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165H Datasheet(HTML) 15 Page - Cherry Semiconductor Corporation

Back Button CS5165H Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 19Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
Application Information: continued
A= W × t = cross-sectional area
ρ= the copper resistivity (µΩ - mil)
L= length (mils)
W = width (mils)
t = thickness (mils)
For most PCBs the copper thickness, t, is 35µm (1.37 mils)
for one ounce copper. ρ = 717.86µΩ-mil
For a Pentium®II load of 14.2A the resistance needed to cre-
ate a 56mV drop at full load is:
RDROOP =
=
= 3.9mΩ
The resistivity of the copper will drift with the temperature
according to the following guidelines:
∆R = 12% @ TA = +50˚C
∆R = 34% @TA = +100˚C
Droop Resistor Width Calculations
The droop resistor must have the ability to handle the load
current and therefore requires a minimum width which is
calculated as follows (assume one ounce copper thickness):
W=
where:
W = minimum width (in mils) required for proper power
dissipation, and ILOAD Load Current Amps.
The Pentium®II maximum load current is 14.2A.
Therefore:
W =
= 284 mils = 0.7213cm
Droop Resistor Length Calculation
L =
=
= 2113 mil = 5.36cm
Output Inductor
The inductor should be selected based on its inductance,
current capability, and DC resistance. Increasing the induc-
tor value will decrease output voltage ripple, but degrade
transient response.
Inductor Ripple Current
Ripple current =
Example: VIN = +5V, VOUT = +2.8V, ILOAD = 14.2A, L = 1.2µH,
Freq = 200KHz
Ripple current =
= 5.1A
Output Ripple Voltage
VRIPPLE = Inductor Ripple Current × Output Capacitor ESR
Example:
VIN = +5V, VOUT = +2.8V, ILOAD = 14.2A, L = 1.2µH,
Switching Frequency = 200KHz
Output Ripple Voltage = 5.1A × Output Capacitor ESR
(from manufacturer’s specs)
ESR of Output Capacitors to limit Output Voltage Spikes
ESR =
This applies for current spikes that are faster than regulator
response time. Printed Circuit Board resistance will add to
the ESR of the output capacitors.
In order to limit spikes to 100mV for a 14.2A Load Step,
ESR = 0.1/14.2 = 0.007Ω
Inductor Peak Current
Peak Current = Maximum Load Current +
()
Example: VIN = +5V, VOUT = +2.8V, ILOAD = 14.2A, L = 1.2µH,
Freq = 200KHz
Peak Current = 14.2A + (5.1/2) = 16.75A
A key consideration is that the inductor must be able to
deliver the Peak Current at the switching frequency without
saturating.
Response Time to Load Increase
(limited by Inductor value unless Maximum On-Time is
exceeded)
Response Time =
Example: VIN = +5V, VOUT = +2.8V, L = 1.2µH, 14.2A
change in Load Current
Response Time =
= 7.7µs
1.2µH × 14.2A
(5V-2.8V)
L × ∆ IOUT
(VIN-VOUT)
Ripple
Current
2
∆ VOUT
∆ IOUT
[(5V-2.8V)x 2.8V]
[200KHz × 1.2µH × 5V]
[(VIN - VOUT) × VOUT]
(Switching Frequency × L × VIN)
0.0039 × 284 × 1.37
717.86
RDROOP × W × t
ρ
14.2A
0.05
ILOAD
0.05
56mV
14.2A
56mV
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com