Electronic Components Datasheet Search
  English  ▼

X  

CS5165H Datasheet(PDF) 18 Page - Cherry Semiconductor Corporation

Part # CS5165H
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165H Datasheet(HTML) 18 Page - Cherry Semiconductor Corporation

Back Button CS5165H Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 19Page - Cherry Semiconductor Corporation CS5165H Datasheet HTML 20Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
6mΩ
+12V
+12V
1000pf
0.1µF
0.1µF
IRL3103
IRL3103
1.2µH
1200µF/10V
x5
1µF
1N5818
0.1µF
x3
1200µF/10V
1000pF
1N5818
Droop Resistor
(Embedded PCB trace)
18V 1N4746
3.3K
CS5165H
VID0
VID1
VID2
VID3
COFF
SS
COMP
LGND
ENABL
GATEH
GATEL
VFB
PGND
VCC
PWRGD
VID4
VCC
VSS
PWRGD
ENABLE
PENTIUM® II
SYSTEM
VID0
VID1
VID2
VID3
VID4
18Ω
+5V
CS5165H
VID0
MBRS120
MBRS120
1µF
Si4410DY
Si9410DY
1.2µH
3.3K
1000pF
1200µF/10V
1200uF/10V
1µF
0.1µF
0.1µF
330pF
Vcc
Vss
PWRGD
ENABLE
PENTIUM® II
SYSTEM
VID0
VID1
VID2
VID3
VID4
x5
x3
6mΩ
LGND
VID4
VID1
VID2
VID3
COFF
SS
COMP
VGATEH
VGATEL
PGND
VFB
VCC
PWRGD
ENABLE
Droop Resistor
(Embedded PCB trace)
MBRS120
Figure 26: +12V to +2.8V @ 14.2A for 300 MHz Pentium® II
Figure 27: +5V to +2.8V @ 14.2A for 300 MHz Pentium® II
Additional Application Circuits
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com