Electronic Components Datasheet Search
  English  ▼

X  

1934026-1 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 16Page - Tyco Electronics 1934026-1 Datasheet HTML 17Page - Tyco Electronics 1934026-1 Datasheet HTML 18Page - Tyco Electronics 1934026-1 Datasheet HTML 19Page - Tyco Electronics 1934026-1 Datasheet HTML 20Page - Tyco Electronics 1934026-1 Datasheet HTML 21Page - Tyco Electronics 1934026-1 Datasheet HTML 22Page - Tyco Electronics 1934026-1 Datasheet HTML 23Page - Tyco Electronics 1934026-1 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks
of PICMG-PCI Industrial Computer Manufacturers Group Incorporated.
Tyco Electronics has released new stacked
RJ45 modular jacks designed to meet both
AdvancedTCA and AdvancedMC standards.
The offset has been designed to fit the
faceplate and board layout in AdvancedTCA
and full-size AdvancedMC modules, while
providing the port density of the stacked
configuration. These jacks are shielded
and include panel ground springs for EMI
containment. They are available in 2x1,
2x4, 2x6, and 2x8 configurations, with and
without LEDs, and are designed for GigE
performance.
www.tycoelectronics.com/products/atca
Catalog 82066
Stacked RJ45 Modular Jacks for AdvancedTCA, AdvancedMC Standards
FEATURES
• Offset designed to meet both
AdvancedTCA and AdvancedMC
standards
• Category 5 Performance
• Available in 2x1, 2x4, 2x6, and 2x8
configurations
• Press-fit termination to the board
• Available with various LED options
Part Number
LED #1
LED #2
LED #3
LED #4
Ground
Shield Side
(3.27 mm Offset)
Configuration
(Lower Port
(Upper Port
(Upper Port
(Lower Port
Clips
Ground Pins
Left Side)
Left Side)
Right Side)
Right Side)
1888652-1
2x1
None
None
None
None
No
Yes
1888652-2
2x1
None
None
None
None
Yes
Yes
1888653-1
2x1
Green
Green
Green
Green
No
Yes
1888653-2
2x1
Green
Green
Green
Green
Yes
Yes
1888653-3
2x1
Yellow
Yellow
Green
Green
Yes
Yes
1888653-4
2x1
Green
Green
Yellow
Yellow
Yes
Yes
1888506-1
2x4
None
None
None
None
No
Yes
1888506-2
2x4
None
None
None
None
Yes
Yes
1888507-1
2x4
Green
Green
Green
Green
No
Yes
1888507-2
2x4
Green
Green
Green
Green
Yes
Yes
1888507-3
2x4
Green
Green
Yellow
Yellow
No
Yes
1888507-4
2x4
Green/Yellow
Green/Yellow
Green/Yellow
Green/Yellow
Yes
Yes
1888508-1
2x6
None
None
None
None
No
Yes
1888508-2
2x6
None
None
None
None
Yes
Yes
1888509-1
2x6
Green
Green
Green
Green
No
Yes
1888509-2
2x6
Green
Green
Green
Green
Yes
Yes
1888509-3
2x6
Green
Green
Yellow
Yellow
No
Yes
1888509-4
2x6
Green/Yellow
Green/Yellow
Green/Yellow
Green/Yellow
Yes
Yes
1888654-1
2x8
None
None
None
None
No
No
1888654-2
2x8
None
None
None
None
No
Yes
1888654-3
2x8
None
None
None
None
Yes
Yes
1888654-4
2x8
None
None
None
None
Yes
No
1888655-1
2x8
Green
Green
Green
Green
No
No
1888655-2
2x8
Green
Green
Green
Green
No
Yes
1888655-3
2x8
Green
Green
Green
Green
Yes
Yes
1888655-4
2x8
Green
Green
Green
Green
Yes
No
1888655-5
2x8
Green
Green
Yellow
Yellow
No
Yes
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com