Electronic Components Datasheet Search
  English  ▼

X  

1934026-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 2Page - Tyco Electronics 1934026-1 Datasheet HTML 3Page - Tyco Electronics 1934026-1 Datasheet HTML 4Page - Tyco Electronics 1934026-1 Datasheet HTML 5Page - Tyco Electronics 1934026-1 Datasheet HTML 6Page - Tyco Electronics 1934026-1 Datasheet HTML 7Page - Tyco Electronics 1934026-1 Datasheet HTML 8Page - Tyco Electronics 1934026-1 Datasheet HTML 9Page - Tyco Electronics 1934026-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Backplane Connector
Straight, Compliant Press-fit,
Part Number 1766501-1
(tin plated pcb tails)
Part Number 1766501-2
(tin-lead pcb tails)
Straight, 22-Position,
Compliant Press-fit
Part Number 1766503-1
(tin plated pcb tails)
Part Number 1766503-2
(tin-lead pcb tails)
Material and Finish
Insulators — Thermoplastic, glass
reinforced, black, UL94V-0
Signal Pins — Copper alloy
Power Contacts — High conductivity
copper alloy, plated 0.0076 [.000030]
min. gold in mating area
Solder tails — 0.0030 - 0.0043
[.000120 - .000170] tin plated
Notes:
1. Mounting Holes (Ø2.00 [.079] x
5.00 [.197] DP) for use with self
tapping screw (customer supplied).
2. Positions 1–4 not populated and
reserved for future use.
46.10
[1.815]
Ref.
22.20
[.874]
5.30
[.207]
33
30
28
25
21
17
13
24
20
16
1
4
34
31
32
27
29
26
See Note 2
See Note 1
20.90
[.823]
Max.
4.60
[.180]
Front Board Connector
Right Angle,
Compliant Press-fit
Part Number 1766500-1
(tin plated pcb tails)
Part Number 1766500-2
(tin-lead pcb tails)
Right Angle Plug, 22-Position,
Compliant Press-fit
Part Number 1766502-1
(tin plated pcb tails)
Part Number 1766502-2
(tin-lead pcb tails)
Material and Finish
Insulators — Thermoplastic, glass
reinforced, black, UL94V-0
Signal Pins — Copper alloy
Power Contacts — High conductivity
copper alloy, plated 0.00076 [.000030]
min. gold in mating area
Solder Tails — 0.0030 - 0.0043
[.000120 - .000170] tin plated
Notes:
1. Mounting Holes (Ø 2.00 [.079] x
5.00 [.197] DP) for use with self
tapping screw (customer supplied).
2. Positions 1–4 not populated and
reserved for future use.
46.10
[1.815]
Ref.
41.30
[1.626]
Max.
18.65
[.734]
33
30
28
25 21 17 13
24 20 16
1
4
34
31
32
27
29
26
See Note 1
See Note 2
20.90
[.823]
Max.
4.60
[.180]
5.30
[.207]
AdvancedTCA Zone 1
Connector
(Continued)
Note: Part Numbers are RoHS compliant except:
Indicates “5 of 6 compliant” (lead in solderable interface only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com