Electronic Components Datasheet Search
  English  ▼

X  

1934026-1 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 21Page - Tyco Electronics 1934026-1 Datasheet HTML 22Page - Tyco Electronics 1934026-1 Datasheet HTML 23Page - Tyco Electronics 1934026-1 Datasheet HTML 24Page - Tyco Electronics 1934026-1 Datasheet HTML 25Page - Tyco Electronics 1934026-1 Datasheet HTML 26Page - Tyco Electronics 1934026-1 Datasheet HTML 27Page - Tyco Electronics 1934026-1 Datasheet HTML 28Page - Tyco Electronics 1934026-1 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
The Small Outline Dual In-Line Memory
Module (SO DIMM) is the latest in the
Tyco Electronics DIMM product line and
was specifically designed to meet the
AdvancedMC Specification. The SO DIMM
has 200 positions in a dual row design,
and features gold flash solder tail contact
plating. Available in two heights, the SO
DIMM will fit any AdvancedMC Application.
Small Outline Dual In-Line Memory Module (SO DIMM) for AdvancedMC Applications
FEATURES
• 200 positions
• Gold Flash Solder Tail Contact
Plating
Note: Part Numbers are RoHS compliant.
66.80
[2.611]
0.85
[.033]
1.35
[.053]
Part Number
Stack Height
Keying Feature
1981281-4
5.20
Reverse
.203
1981276-4
5.20
Standard
.203
1981287-4
9.20
Reverse
.360
1981284-4
9.20
Standard
.360
Part Number 1981281-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com