Electronic Components Datasheet Search
  English  ▼

X  

CS3001 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3001
Description  PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3001 Datasheet HTML 2Page - Cirrus Logic CS3001 Datasheet HTML 3Page - Cirrus Logic CS3001 Datasheet HTML 4Page - Cirrus Logic CS3001 Datasheet HTML 5Page - Cirrus Logic CS3001 Datasheet HTML 6Page - Cirrus Logic CS3001 Datasheet HTML 7Page - Cirrus Logic CS3001 Datasheet HTML 8Page - Cirrus Logic CS3001 Datasheet HTML 9Page - Cirrus Logic CS3001 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS3001
CS3002
6
Performance Plots (Cont.)
Supply Voltage (±V)
A1-
A1+
B1-
A2+
B1+
A2-
B2-
B2+
±1.35
±2
±2.5
±3.35
-200
-150
-150
-100
-100
0
-50
-50
CM = 0 V
Figure 7. Input Bias Current vs Supply Voltage (CS3002)
-3
-2
-1
0
1
2
3
012
345
Common Mode Voltage (Vs = 5V)
Figure 8. Input Bias Current vs Common Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com