Electronic Components Datasheet Search
  English  ▼

X  

CS3001 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3001
Description  PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Datasheet(HTML) 5 Page - Cirrus Logic

  CS3001 Datasheet HTML 1Page - Cirrus Logic CS3001 Datasheet HTML 2Page - Cirrus Logic CS3001 Datasheet HTML 3Page - Cirrus Logic CS3001 Datasheet HTML 4Page - Cirrus Logic CS3001 Datasheet HTML 5Page - Cirrus Logic CS3001 Datasheet HTML 6Page - Cirrus Logic CS3001 Datasheet HTML 7Page - Cirrus Logic CS3001 Datasheet HTML 8Page - Cirrus Logic CS3001 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS3001
CS3002
5
Performance Plots (Cont.)
-500
-400
-300
-200
-100
0
100
200
300
400
500
1
10
100
1K
10K
100K
1M
10M
Frequency (Hz)
Gain
Phase
Figure 5. Open Loop Gain and Phase vs Frequency
-360
-315
-270
-225
-180
-135
-90
-45
10K
100K
1M
10M
0
20
40
60
80
100
Figure 6. Open Loop Gain and Phase vs Frequency (Expanded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com