Electronic Components Datasheet Search
  English  ▼

X  

CS3001 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS3001
Description  PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS3001 Datasheet HTML 8Page - Cirrus Logic CS3001 Datasheet HTML 9Page - Cirrus Logic CS3001 Datasheet HTML 10Page - Cirrus Logic CS3001 Datasheet HTML 11Page - Cirrus Logic CS3001 Datasheet HTML 12Page - Cirrus Logic CS3001 Datasheet HTML 13Page - Cirrus Logic CS3001 Datasheet HTML 14Page - Cirrus Logic CS3001 Datasheet HTML 15Page - Cirrus Logic CS3001 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS3001
CS3002
12
+5 V
VA
1m V /V
-
+
350
Ω
+
-
-
+
x 768
140 k
Ω
365
Ω
140 k
Ω
100
Ω
10 0
Ω
0.22
µ F
0.22
µ F
0.047
µ F
0.1
µ F
VR E F
AIN +
AIN 1
V-
V+
CS
SD O
SC L K
CS 5 5 1 0 /1 2
µµµµ
+5 V
+ 5 V
C ounter /T im er
S C LK = 1 0 k H z to 10 0
kH
(32.76 8
il )
S C L K = 10 kH z t o 1 00 kH z
( 32. 768 n o m i n a l
)
Figure 14. Load Cell Bridge Amplifier and A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com