Electronic Components Datasheet Search
  English  ▼

X  

CS4216 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 8Page - Cirrus Logic CS4216 Datasheet HTML 9Page - Cirrus Logic CS4216 Datasheet HTML 10Page - Cirrus Logic CS4216 Datasheet HTML 11Page - Cirrus Logic CS4216 Datasheet HTML 12Page - Cirrus Logic CS4216 Datasheet HTML 13Page - Cirrus Logic CS4216 Datasheet HTML 14Page - Cirrus Logic CS4216 Datasheet HTML 15Page - Cirrus Logic CS4216 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
*
†
Sub-frame Bits 17 to 24
17
18
19
20
21
22
23
24
0000
EXP MUTE
ISL
ISR
EXP
Expand bit
Reserved. Must be set to zero.
MUTE Mute D/A Outputs
0 - Normal Outputs
1 - Mute Outputs
ISL
Select Left Input Mux
0 - Select LIN1
1 - Select LIN2
ISR
Select Right Input Mux
0 - Select RIN1
1 - Select RIN2
INPUT DATA BIT DEFINITIONS
Sub-frame bits 1 to 16
Left DAC Audio Data, MSB first, 2’s comple-
ment coded.
Sub-frame Bits 25 to 32
25
26
27
28
29
30
31
32
LG3
LG2
LG1
LG0
RG3
RG2
RG1
RG0
LG3-LG0
Sets left input gain.
LG3 is the MSB. LG0 represents 1.5 dB.
0000 = no gain.
1111 = +22.5 dB gain
RG3-RG0 Sets right input gain.
RG3 is the MSB. RGO represents 1.5 dB.
0000 = no gain
Sub-frame Bits 51 to 60
51
52
53
54
55
56
57
58
59
60
LA4 LA3 LA2 LA1 LA0 RA4 RA3 RA2 RA1 RA0
0
0
LA3 LA2 LA1 LA0 RA3 RA2 RA1 RA0
LA4-LA0
Sets left output attenuation
RA4-RA0 Sets right output attenuation
*SM3,4
LA4 is the MSB.
00000 = no attenuation
11111 = -46.5 dB
†SM1, 2
LA3 is the MSB.
0000 = no attenuation
1111 = -22.5 dB
LA0 represents 1.5 dB.
†SM1, 2
RA3 is the MSB.
0000 = no attenuation
1111 = -22.5 dB
*SM3,4
RA4 is the MSB.
00000 = no attenuation
11111 = -46.5 dB
RA0 represents 1.5 dB.
Sub-frame Bits 61 to 64
61
62
63
64
DO1
DO2
DO3
DO4
DO1-DO4
Set the logic level on the 4 digital output
pins. In SM3 DO3 and DO4 are not
available. In SM4 DO2, DO3, & DO4
are not available.
Sub-frame Bits 33 to 48
Right DAC audio data MSB first, 2’s comple-
ment coded.
DAC - Left Word
00 00
Left
A/D Gain
30
Right
A/D Gain
30
M
In
Sel.
00 00
DAC - Right Word
Left
D/A Att.
30
Right
D/A Att.
30
Sub-frame
Word B
Word A
DAC - Left Word
00 00
Left
A/D Gain
30
Right
A/D Gain
30
M
In
Sel.
SM1 and SM2
SM3
00
DAC - Right Word
Left
D/A Att.
40
Right
D/A Att.
40
XX
Sub-frame
Figure 5. Serial Data Input Format - SM1, SM2, and SM3.
Sub-frame Bits 49 to 50
Must be zero.
CS4216
12
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com