Electronic Components Datasheet Search
  English  ▼

X  

CS4216 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 14Page - Cirrus Logic CS4216 Datasheet HTML 15Page - Cirrus Logic CS4216 Datasheet HTML 16Page - Cirrus Logic CS4216 Datasheet HTML 17Page - Cirrus Logic CS4216 Datasheet HTML 18Page - Cirrus Logic CS4216 Datasheet HTML 19Page - Cirrus Logic CS4216 Datasheet HTML 20Page - Cirrus Logic CS4216 Datasheet HTML 21Page - Cirrus Logic CS4216 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
Bits per Frame (Slave Sub-Mode)
In Slave sub-mode, MF1:F1 and MF2:F2 select
the number of bits per frame which determines
how many CS4216’s can occupy one serial port.
Table 4 lists the decoding for MF1:F1 and
MF2:F2.
When set for 64 SCLKs per frame, one device
occupies the entire frame; therefore, a sub-frame
is equ ivalen t to a frame. MF7 :SFS1 and
MF8:SFS2 must be set to zero. See Figure 10.
When set for 128 SCLKs per frame, two devices
can occupy the serial port, with MF7:SFS1 se-
lecting the particular sub-frame. MF8:SFS2 must
be set to zero. See Figure 11.
When set for 256 SCLKs per frame (MF1:F1,
MF2:F2 = 10), four devices can occupy the se-
rial port. In this format both MF8:SFS2 and
MF7:SFS1 are used to select the particular sub-
frame. See Figure 12.
In all three of the above Slave sub-mode for-
mats, the frequency of the incoming SCLK
signal, in relation to the master clock provided
on the CLKIN pin, determines the sample fre-
quency. The CS4216 determines the ratio of
SCLK to CLKIN and sets the internal operating
frequency accordingly. Table 5 lists the SCLK to
CLKIN frequency ratio used to determine the
codec’s sample frequency. To obtain a given
sample frequency, SCLK must equal CLKIN di-
vided by the number in the table, based on the
number of bits per frame. As an example, assum-
in g
6 4
B P F
( b its
per
frame)
and
CLKIN = 12.288 MHz, if a sample frequency of
24 kHz is desired, SCLK must equal CLKIN di-
vided by 8 or 1.536 MHz.
When MF1:F1 = MF2:F2 = 1, SCLK is used as
the master clock and is assumed to be 256 times
the sample frequency. In this mode, CLKIN is
ignored and the sample frequency is linearly
scaled with SCLK. (The CLKIN pin must be
tied low.) This mode also fixes SCLK at 256 bits
per frame with MF7:SFS1 and MF8:SFS2 select-
ing the particular sub-frame.
Fs (kHz)
MF1:
MF2:
MF3:
N
with CLKIN
F1
F2
F3
12.288
11.2896
MHz
MHz
0
0
0
256
48.00
44.10
0
0
1
384
32.00
29.40
0
1
0
512
24.00
22.05
0
1
1
640
19.20
17.64
1
0
0
768
16.00
14.70
1
0
1
1024
12.00
11.025
1
1
0
1280
9.60
8.82
1
1
1
1536
8.00
7.35
Table 3. SM3-Master, Fs Select
MF1:
MF2:
Bits per
Sample Frequency/
F1
F2
Frame
SCLK
0
0
64
ratio to CLKIN sensed
0
1
128
ratio to CLKIN sensed
1
0
256
ratio to CLKIN sensed
1
1
256
fixed
†. = 256×Fs
† SCLK is master clock. CLKIN is not used.
Table 4. SM3-Slave, Bits per Frame.
SCLK to CLKIN Ratio
Fs (kHz)
Fs (kHz)
BPF
BPF
BPF
with CLKIN with CLKIN
256
128
64
12.288 MHz 11.2896 MHz
1
2
4
48.00
44.10
1.5
3
6
32.00
29.40
2
4
8
24.00
22.05
2.5
5
10
19.20
17.64
3
6
12
16.00
14.70
4
8
16
12.00
11.025
5
10
20
9.60
8.82
6
12
24
8.00
7.35
Table 5. SM3-Slave, Fs Select.
CS4216
18
DS83F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com