Electronic Components Datasheet Search
  English  ▼

X  

CS4216 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS4216
Description  16-Bit Stereo Audio Codec
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4216 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS4216 Datasheet HTML 47Page - Cirrus Logic CS4216 Datasheet HTML 48Page - Cirrus Logic CS4216 Datasheet HTML 49Page - Cirrus Logic CS4216 Datasheet HTML 50Page - Cirrus Logic CS4216 Datasheet HTML 51Page - Cirrus Logic CS4216 Datasheet HTML 52Page - Cirrus Logic CS4216 Datasheet HTML 53Page - Cirrus Logic CS4216 Datasheet HTML 54Page - Cirrus Logic CS4216 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
;PALASM Design Description
;---------------------------------- Declaration Segment ------------
TITLE
CDB4216
PATTERN
4216S_B
REVISION
4.0B
AUTHOR
C. Sanchez, M. Jordan
COMPANY
Crystal Semiconductor
DATE
5/28/93
CHIP _4216s_b PALCE16V8
;---------------------------------- PIN Declarations ---------------
PIN
1
/SPF2
COMBINATORIAL ; INPUT
PIN
2
/SPF1
COMBINATORIAL ; INPUT
PIN
3
/MA
COMBINATORIAL ; INPUT
PIN
4
/BPF2
COMBINATORIAL ; INPUT
PIN
5
/BPF1
COMBINATORIAL ; INPUT
PIN
6
/TS2
COMBINATORIAL ; INPUT
PIN
7
/TS1
COMBINATORIAL ; INPUT
PIN
8
/DIV3
COMBINATORIAL ; INPUT
PIN
9
/DIV2
COMBINATORIAL ; INPUT
PIN
10
GND
PIN
11
NC
PIN
12
/CFSIN
COMBINATORIAL ; OUTPUT
PIN
13
NC
PIN
14
NC
PIN
15
SMODE3
COMBINATORIAL ; OUTPUT
PIN
16
SMODE2
COMBINATORIAL ; OUTPUT
PIN
17
MF7
COMBINATORIAL ; OUTPUT
PIN
18
MF8
COMBINATORIAL ; OUTPUT
PIN
19
SMODE1
COMBINATORIAL ; OUTPUT
PIN
20
VCC
;----------------------------------- Boolean Equation Segment ------
EQUATIONS
/CFSIN = SPF2 * MA
SMODE3 = SPF2 * SPF1
SMODE2 = SPF2 * /SPF1
+ SPF2 * SPF1 * /MA
+ SPF2 * SPF1 * MA * BPF1 * TS1
+ SPF2 * SPF1 * MA * BPF1 * TS2
+ SPF2 * SPF1 * MA * BPF2 * TS1
+ SPF2 * SPF1 * MA * BPF2 * TS2
SMODE1 = /SPF2 * SPF1
+ SPF2 * SPF1 * MA * BPF1
+ SPF2 * SPF1 * MA * BPF2
MF8 = /SPF2 * TS2
+ SPF2 * /SPF1 * MA * BPF2
+ SPF2 * /SPF1 * MA * BPF1
+ SPF2 * /SPF1 * /MA * BPF2 * TS2
+ SPF2 * SPF1 * /MA * /BPF2 * BPF1 * TS1
Figure 9. PALCE16V8H PAL Equations.
CDB4216
DS83DB4
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com